Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS043045016-PF033 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS043045016-PF033
Description  Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS043045016-PF033 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS043045016-PF033_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040517
BGA Heat Sink (High Aspect Ratio Ext.)
Standard Pin Fin
*Image above is for illustration purpose only.
ATS Part#:
ATS043045016-PF033
Description:
44.50 x 43.20 x 16.50 mm BGA Heat Sink (High Aspect Ratio Ext.) Standard Pin Fin
Heat Sink Type:
Standard Pin Fin
Heat Sink Attachment:
N/A
Equivalent Part Number:
N/A
Features & Benefits
Excellent balance of low cost and high performance in an aluminum heat sink.
Designed for semiconductor devices with omni-directional airflow requirements.
11 x 10 pin array
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
3.2 °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
Ducted Flow
0
N/A
N/A
N/A
N/A
N/A
N/A
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
44.50 mm
43.20 mm
16.50 mm
N/A mm
NO TIM
Black Anodized
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS043045016-PF033_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS043045016-PF033 ATS-ATS043045016-PF033 Datasheet
71Kb / 1P
Cross Cut Heatsink Data Sheet
More results

Similar Description - ATS043045016-PF033_17

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
Variety of Pressure Ports and Electrical Configurations
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
Wide variety of reflectors available
logo
Advanced Thermal Soluti...
ATS043045005-PF029 ATS-ATS043045005-PF029_17 Datasheet
240Kb / 1P
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045006-PF030 ATS-ATS043045006-PF030_17 Datasheet
240Kb / 1P
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045009-PF031 ATS-ATS043045009-PF031_17 Datasheet
240Kb / 1P
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045010-PF032 ATS-ATS043045010-PF032_17 Datasheet
240Kb / 1P
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
logo
Visual Communications C...
CNX714 VCC-CNX714 Datasheet
215Kb / 3P
Variety of connection options for fast
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com