Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4211IMS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4211IMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211IMS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4211IMS Datasheet HTML 9Page - Linear Technology LTC4211IMS Datasheet HTML 10Page - Linear Technology LTC4211IMS Datasheet HTML 11Page - Linear Technology LTC4211IMS Datasheet HTML 12Page - Linear Technology LTC4211IMS Datasheet HTML 13Page - Linear Technology LTC4211IMS Datasheet HTML 14Page - Linear Technology LTC4211IMS Datasheet HTML 15Page - Linear Technology LTC4211IMS Datasheet HTML 16Page - Linear Technology LTC4211IMS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LTC4211
4211f
UNDERVOLTAGE LOCKOUT
The LTC4211’s power-on reset circuit initializes the start-
up procedure and ensures the chip is in the proper state if
the input supply voltage is too low. If the supply voltage
falls below 2.18V, the LTC4211 is in undervoltage lockout
(UVLO) mode, and the GATE pin is pulled low. Since the
UVLO circuitry uses hysteresis, the chip restarts after the
supply voltage rises above 2.3V and the ON pin goes high.
In addition, users can utilize the ON comparator (COMP1)
or the FAULT comparator (COMP6) to effectively program
a higher undervoltage lockout level. Figure 3 shows the
external resistor divider at the ON pin programs the
system’s undervoltage lockout voltage. The system will
enter the plug-in cycle after the ON pin rises above 1.316V.
The resistor divider sets the circuit to turn on when VCC
reaches around 79% of its final value. If a different turn on
VCC voltage is desired change the resistor divider value
accordingly. The FAULT comparator can be the alternative
for external undervoltage lockout setting. If the FAULT
comparator is used for this purpose, the system will wait
for the input voltage to increase above the level set by the
user before starting the second timing cycle. Also, if the
input voltage drops below the set level in normal operating
mode, the user must cycle the ON pin or VCC to restart the
system.
GLITCH FILTER FOR RESET
The LTC4211 has a glitch filter to prevent RESET from
generating a system reset if there are transients on the FB
OPERATIO
FEEDBACK TRANSIENT (mV)
0
150
200
250
160
4211 F03
100
50
0
40
80
120
20
180
60
100
140
200
TA = 25°C
Figure 4. FB Comparator Glitch Filter Time
vs Feedback Transient Voltage
Figure 3. ON Pin Sets the Undervoltage
Lockout Voltage Externally
SYSTEM TIMING
System timing for the LTC4211 is generated at the TIMER
pin (see the Block Diagram). If the LTC4211’s internal
timing circuit is off, an internal N-channel FET connects
the TIMER pin to GND. If the timing circuit is enabled, an
internal 2
µA current source is then connected to the
TIMER pin to charge CTIMER at a rate given by Equation 1:
C
Charge -Up Rate
TIMER
=
µ
2A
C TIMER
(1)
When the TIMER pin voltage reaches COMP4’s threshold
of 1.236V, the TIMER pin is reset to GND. Equation 2 gives
an expression for the timer period:
tV
C
A
TIMER
TIMER
=
µ
1 236
2
.•
(2)
As a design aid, the LTC4211’s timer period as a function
of the CTIMER using standard values from 3.3nF to 0.33µF
is shown in Table 1.
VIN
3.3V
R1
10k
R2
10k
ON PIN
(a) 3.3VIN
VIN
5V
R1
20k
R2
10k
ON PIN
(b) 5VIN
VIN
12V
R1
61.9k
R2
10k
ON PIN
(c) 12VIN
4211 F04
pin. The relationship between glitch filter time and the
feedback transient voltage is shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com