Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HCU04K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HCU04K
Description  RAD HARD HEX INVERTER (SINGLE STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCU04K Datasheet(HTML) 1 Page - STMicroelectronics

  M54HCU04K Datasheet HTML 1Page - STMicroelectronics M54HCU04K Datasheet HTML 2Page - STMicroelectronics M54HCU04K Datasheet HTML 3Page - STMicroelectronics M54HCU04K Datasheet HTML 4Page - STMicroelectronics M54HCU04K Datasheet HTML 5Page - STMicroelectronics M54HCU04K Datasheet HTML 6Page - STMicroelectronics M54HCU04K Datasheet HTML 7Page - STMicroelectronics M54HCU04K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2004
s
HIGH SPEED:
tPD = 5ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 10% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 04
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-055
DESCRIPTION
The M54HCU04 is an high speed CMOS HEX
INVERTER (SINGLE STATE) fabricated with
silicon gate C2MOS technology.
As internal circuit is composed of a single stage
inverter, it can be used in crystal oscillator.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HCU04
RAD HARD HEX INVERTER (SINGLE STATE)
Figure 1: Pin Connection
Table 1: Order Codes
PACKAGE
FM
EM
DILC
M54HCU04D
M54HCU04D1
FPC
M54HCU04K
M54HCU04K1
Rev. 1
DILC-14
FPC-14


Similar Part No. - M54HCU04K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCU04K STMICROELECTRONICS-M54HCU04K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HCU04K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCU04 STMICROELECTRONICS-M74HCU04 Datasheet
169Kb / 8P
HEX INVERTER SINGLE STATE
Apr-2002
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
M54HC367 STMICROELECTRONICS-M54HC367_04 Datasheet
246Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
14-May-2004
M54HC4050 STMICROELECTRONICS-M54HC4050 Datasheet
309Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER
14-May-2004
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
M54HC14 STMICROELECTRONICS-M54HC14_04 Datasheet
105Kb / 8P
RAD-HARD HEX SCHMITT INVERTER
Mar-2004
LEOAC14 STMICROELECTRONICS-LEOAC14 Datasheet
581Kb / 18P
Rad-hard plastic Hex inverter with Schmitt trigger input
10-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com