Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4094 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4094
Description  8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4094 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4094 Datasheet HTML 1Page - STMicroelectronics M74HC4094 Datasheet HTML 2Page - STMicroelectronics M74HC4094 Datasheet HTML 3Page - STMicroelectronics M74HC4094 Datasheet HTML 4Page - STMicroelectronics M74HC4094 Datasheet HTML 5Page - STMicroelectronics M74HC4094 Datasheet HTML 6Page - STMicroelectronics M74HC4094 Datasheet HTML 7Page - STMicroelectronics M74HC4094 Datasheet HTML 8Page - STMicroelectronics M74HC4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M74HC4094
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
115
ns
4.5
8
15
19
23
6.0
7
13
16
20
tPLH tPHL Propagation Delay
Time
(CLOCK - Qn)
2.0
92
200
250
300
ns
4.5
26
40
50
60
6.0
20
34
43
51
tPLH tPHL Propagation Delay
Time
(CLOCK - QS, Q’S)
2.0
65
150
190
225
ns
4.5
19
30
38
45
6.0
15
26
32
38
tPLH tPHL Propagation Delay
Time
(STROBE - Qn)
2.0
75
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tPZL tPZH High Impedance
Output Enable
Time
2.0
58
150
190
225
ns
4.5
16
30
38
45
6.0
13
26
32
38
tPHZ tPLZ High Impedance
Output Disable
Time
2.0
35
150
190
225
ns
4.5
16
30
38
45
6.0
13
26
32
38
fMAX
Maximum Clock
Frequency
2.0
6
16
4.8
4
MHz
4.5
30
66
24
20
6.0
35
80
28
24
tW(H)
tW(L)
Minimum Pulse
Width
2.0
17
75
95
110
ns
4.5
7
15
19
22
6.0
6
13
16
19
tW(L)
Minimum Pulse
Width
2.0
28
75
95
110
ns
4.5
6
15
19
22
6.0
6
13
16
19
ts
Minimum Set-up
Time
(SERIAL INPUT)
2.0
30
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19
ts
Minimum Set-up
Time
(STROBE)
2.0
45
100
125
145
ns
4.5
10
20
25
29
6.0
8
17
21
25
th
Minimum Hold
Time
(SI, ST)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com