Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F102BB45N1T Datasheet(PDF) 22 Page - STMicroelectronics

Part # M29F102BB45N1T
Description  1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F102BB45N1T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M29F102BB45N1T Datasheet HTML 16Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 17Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 18Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 19Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 20Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 21Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 22Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 23Page - STMicroelectronics M29F102BB45N1T Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
M29F102BB
22/24
ORDERING INFORMATION SCHEME
Table 17. Ordering Information Scheme
Note: The last two characters of the ordering code may be replaced by a letter code for preprogrammed
parts, otherwise devices are shipped from the factory with the memory content bits erased to ‘1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M29F102BB
50
N
1
T
Device Type
M29
Operating Voltage
F = VCC = 5V ± 10%
Device Function
102BB = 1 Mbit (64Kb x16), Bottom Boot Block
Speed
35 = 35ns
45 = 45 ns
50 = 50 ns
55 = 55 ns
70 = 70 ns
Package
K = PLCC44
N = TSOP40:10 x 14mm
Temperature Range
1 = 0 to 70 °C
Option
T = Tape & Reel Packing
F = Lead-free and RoHS Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com