Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F102BB45K1F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29F102BB45K1F
Description  1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F102BB45K1F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29F102BB45K1F Datasheet HTML 16Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 17Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 18Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 19Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 20Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 21Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 22Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 23Page - STMicroelectronics M29F102BB45K1F Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
M29F102BB
Figure 14. TSOP40 - 40 lead Plastic Thin Small Outline, 10 x 14mm, Package Outline
Note: Drawing is not to scale.
Table 16. PTSOP40 - 40 lead Plastic Thin Small Outline, 10 x 14mm, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A1.20
0.0472
A1
0.05
0.15
0.0020
0.0059
A2
0.95
1.05
0.0374
0.0413
B
0.17
0.27
0.0067
0.0106
C
0.10
0.21
0.0039
0.0083
D
13.80
14.20
0.5433
0.5591
D1
12.30
12.50
0.4843
0.4921
E
9.90
10.10
0.3898
0.3976
e
0.50
–
–
0.0197
–
–
L
0.50
0.70
0.0197
0.0276
α
0°
5°
0°
5°
N40
40
CP
0.10
0.0039
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com