Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7616-P Datasheet(PDF) 17 Page - Analog Devices

Part # AD7616-P
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616-P Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7616-P Datasheet HTML 13Page - Analog Devices AD7616-P Datasheet HTML 14Page - Analog Devices AD7616-P Datasheet HTML 15Page - Analog Devices AD7616-P Datasheet HTML 16Page - Analog Devices AD7616-P Datasheet HTML 17Page - Analog Devices AD7616-P Datasheet HTML 18Page - Analog Devices AD7616-P Datasheet HTML 19Page - Analog Devices AD7616-P Datasheet HTML 20Page - Analog Devices AD7616-P Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
AD7616-P
Data Sheet
Rev. 0 | Page 16 of 46
Figure 25. Bipolar Zero Error Matching vs. Temperature
Figure 26. THD vs. Input Frequency for Various Source Impedances,
±10 V Range
Figure 27. THD vs. Input Frequency for Various Source
Impedances, ±5 V Range
Figure 28. SNR vs. Input Frequency for Different Oversampling Rates,
±10 V Range
Figure 29. SNR vs. Input Frequency for Different Oversampling Rates,
±5 V Range
Figure 30. Channel to Channel Isolation vs. Interferer Frequency
0
1
2
3
4
5
6
7
8
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
DC INPUT
±10V RANGE
±5V RANGE
±2.5V RANGE
–110
–100
–90
–80
–70
–60
–50
–40
1k
10k
100k
INPUT FREQUENCY (Hz)
0Ω
50Ω
100Ω
1.2kΩ
5.6kΩ
10kΩ
23.7kΩ
47.3kΩ
105kΩ
±10V RANGE
RSOURCE MATCHED ON Vxx AND VxxGND INPUTS
–120
–110
–100
–90
–80
–70
–60
–50
–40
1k
10k
100k
INPUT FREQUENCY (Hz)
0Ω
50Ω
100Ω
1.2kΩ
5.6kΩ
10kΩ
23.7kΩ
47.3kΩ
105kΩ
±5V RANGE
RSOURCE MATCHED ON Vxx AND VxxGND INPUTS
100
1k
10k
100k
INPUT FREQUENCY (Hz)
NO OS
OSR × 2
OSR × 4
OSR × 8
OSR × 16
OSR × 32
80
82
84
86
88
90
92
94
96
98
±10V RANGE
100
1k
10k
100k
INPUT FREQUENCY (Hz)
NO OS
OSR × 2
OSR × 4
OSR × 8
OSR × 16
OSR × 32
80
82
84
86
88
90
92
94
96
98
±5V RANGE
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
0
5000
10000
15000
20000
25000
30000
INTERFERER FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com