Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7761BSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 5Page - Analog Devices AD7761BSTZ Datasheet HTML 6Page - Analog Devices AD7761BSTZ Datasheet HTML 7Page - Analog Devices AD7761BSTZ Datasheet HTML 8Page - Analog Devices AD7761BSTZ Datasheet HTML 9Page - Analog Devices AD7761BSTZ Datasheet HTML 10Page - Analog Devices AD7761BSTZ Datasheet HTML 11Page - Analog Devices AD7761BSTZ Datasheet HTML 12Page - Analog Devices AD7761BSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 8 of 75
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Low Power Mode
AVDD1 Current
Precharge reference buffers off
5.1
mA
Precharge reference buffers on
8
mA
AVDD2 Current
9.3
mA
IOVDD Current
Wideband filter
12.5
mA
Sinc5 filter
8
mA
Four Channels Active2
Fast Mode
AVDD1 Current
Precharge reference buffers off
18.2
20.3
mA
Precharge reference buffers on
28.8
32.5
mA
AVDD2 Current
18.8
20.3
mA
IOVDD Current
Wideband filter
43.5
47.7
mA
Sinc5 filter
17
18.6
mA
Median Mode
AVDD1 Current
Precharge reference buffers off
9.3
mA
Precharge reference buffers on
14.7
mA
AVDD2 Current
10.7
mA
IOVDD Current
Wideband filter
24.5
mA
Sinc5 filter
11
mA
Low Power Mode
AVDD1 Current
Precharge reference buffers off
2.7
mA
Precharge reference buffers on
4.1
mA
AVDD2 Current
4.7
mA
IOVDD Current
Wideband filter
10
mA
Sinc5 filter
6.5
mA
Two Channels Active2
Fast Mode
AVDD1 Current
Precharge reference buffers off
9.3
10.5
mA
Precharge reference buffers on
14.7
16.6
mA
AVDD2 Current
9.5
10.5
mA
IOVDD Current
Wideband filter
34
36.7
mA
Sinc5 filter
12
13.5
mA
Median Mode
AVDD1 Current
Precharge reference buffers off
4.8
mA
Precharge reference buffers on
7.5
mA
AVDD2 Current
5.5
mA
IOVDD Current
Wideband filter
19.5
mA
Sinc5 filter
8.5
mA
Low Power Mode
AVDD1 Current
Precharge reference buffers off
1.52
mA
Precharge reference buffers on
2.2
mA
AVDD2 Current
2.4
mA
IOVDD Current
Wideband filter
8.6
mA
Sinc5 filter
5.8
mA
Standby Mode
All channels disabled (sinc5 filter
enabled)
6.5
8
mA
Sleep Mode
Full power-down (serial peripheral
interface (SPI) mode only)
0.73
1.2
mA
Crystal Excitation Current
Extra current in IOVDD when using
an external crystal compared to
using the CMOS MCLK
540
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com