Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54C151J Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C151J
Description  8-CHANNEL DIGITAL MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C151J Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MM54C151J Datasheet HTML 1Page - National Semiconductor (TI) MM54C151J Datasheet HTML 2Page - National Semiconductor (TI) MM54C151J Datasheet HTML 3Page - National Semiconductor (TI) MM54C151J Datasheet HTML 4Page - National Semiconductor (TI) MM54C151J Datasheet HTML 5Page - National Semiconductor (TI) MM54C151J Datasheet HTML 6Page - National Semiconductor (TI) MM54C151J Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MNMM54C151-X REV 1A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS:(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Cl = 50pF
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tPLH
Propagation Delay
Time: Data to W
Vcc = 5V
3
300
nS
9
3
420
nS
10
3
240
nS
11
Vcc = 10V
2
140
nS
9
2
195
nS
10
2
110
nS
11
tPHL
Propagation Delay
Time: Select To Y
Vcc = 5V
3
360
nS
9
3
505
nS
10
3
290
nS
11
Vcc = 10V
2
170
nS
9
2
240
nS
10
2
135
nS
11
tPLH
Propagation Delay
Time: Select To Y
Vcc = 5V
3
360
nS
9
3
505
nS
10
3
290
nS
11
Vcc = 10V
2
170
nS
9
2
240
nS
10
2
135
nS
11
tPHL
Propagation Delay
Time: Strobe To Y
Vcc = 5V
3
360
nS
9
3
505
nS
10
3
290
nS
11
Vcc = 10V
2
170
nS
9
2
240
nS
10
2
135
nS
11
tPLH
Propagation Delay
Time: Strobe To Y
Vcc = 5V
3
360
nS
9
3
505
nS
10
3
290
nS
11
Vcc = 10V
2
170
nS
9
2
240
nS
10
2
135
nS
11
Note 1:
Parameter tested go-no-go only.
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com