Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL43C Datasheet(PDF) 13 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL43C
Description  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL43C Datasheet(HTML) 13 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button PL43C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 11Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 12Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 13Page - Zibo Seno Electronic Engineering Co.,Ltd PL43C Datasheet HTML 14Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
14
Zener Diodes 5W
1N5333A/SZ603D to 1N5388ASZ60D0, DO-15/SMB
DO-15
SMB
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
5.80
7.60
0.230
0.300
C
0.70
0.90
0.028
0.034
D
2.60
3.60
0.104
0.140
Dim
Millimeters
Inches
Min
Max
Min
Max
A
4.06
4.57
0.160
0.180
B
3.30
3.94
0.130
0.155
C
1.95
2.20
0.077
0.086
D
0.125
0.305
0.006
0.012
E
5.21
5.59
0.205
0.220
F
----
0.203
----
0.008
G
2.13
2.44
0.084
0.096
H
0.76
1.52
0.030
0.060
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com