Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7989-1 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7989-1
Description  PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1 Datasheet(HTML) 2 Page - Analog Devices

  AD7989-1 Datasheet HTML 1Page - Analog Devices AD7989-1 Datasheet HTML 2Page - Analog Devices AD7989-1 Datasheet HTML 3Page - Analog Devices AD7989-1 Datasheet HTML 4Page - Analog Devices AD7989-1 Datasheet HTML 5Page - Analog Devices AD7989-1 Datasheet HTML 6Page - Analog Devices AD7989-1 Datasheet HTML 7Page - Analog Devices AD7989-1 Datasheet HTML 8Page - Analog Devices AD7989-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .....................................................................................1
Applications...............................................................................1
General Description ..................................................................1
Typical Applications Circuit ......................................................1
Revision History........................................................................2
Specifications.............................................................................3
Timing Specifications ............................................................5
Absolute Maximum Ratings ......................................................7
ESD Caution..........................................................................7
Pin Configurations and Function Descriptions.........................8
Typical Performance Characteristics .........................................9
Terminology ............................................................................12
Theory of Operation................................................................13
Circuit Information .............................................................13
Converter Operation............................................................13
Typical Connection Diagram...............................................14
Analog Inputs......................................................................15
Driver Amplifier Choice......................................................15
Single-Ended to Differential Driver.....................................16
Voltage Reference Input.......................................................16
Power Supply.......................................................................16
Digital Interface...................................................................16
CS Mode, 3-Wire.................................................................17
CS Mode, 4-Wire.................................................................18
Chain Mode.........................................................................19
Applications Information........................................................20
Interfacing to Blackfin® DSP................................................20
Layout..................................................................................20
Evaluating AD7989-1/AD7989-5 Performance.......................21
Outline Dimensions ................................................................22
Ordering Guide ...................................................................23
REVISION HISTORY
1/2017—Rev.A to Rev. B
Change to Table 1 ......................................................................1
Changed VIO = 2.3 V to 5.5 V to VIO = 1.71 V to 5.5 V...........3
Changes to Table 2.....................................................................3
Changed VIO = 2.3 V to 5.5 V to VIO = 1.71 V to 5.5 V...........4
Deleted VIO Range Parameter, Table 3......................................4
Changes to Table 4.....................................................................5
Added Table 5; Renumbered Sequentially .................................6
Changes to Figure 9...................................................................9
Change to Terminology Section ..............................................12
Changes to Figure 26...............................................................14
Changes to Table 9...................................................................15
Change to Single-Ended to Differential Driver Section Title...16
Changes to Figure 32...............................................................17
Changes to Figure 34...............................................................18
Changes to Ordering Guide.....................................................23
7/2014—Rev.0 to Rev. A
Changes to Features Section......................................................1
Changes to Table 1.....................................................................1
Changes to Table 8...................................................................15
1/2014—Revision0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com