Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9680-820EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9680-820EBZ
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680-820EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9680-820EBZ Datasheet HTML 17Page - Analog Devices AD9680-820EBZ Datasheet HTML 18Page - Analog Devices AD9680-820EBZ Datasheet HTML 19Page - Analog Devices AD9680-820EBZ Datasheet HTML 20Page - Analog Devices AD9680-820EBZ Datasheet HTML 21Page - Analog Devices AD9680-820EBZ Datasheet HTML 22Page - Analog Devices AD9680-820EBZ Datasheet HTML 23Page - Analog Devices AD9680-820EBZ Datasheet HTML 24Page - Analog Devices AD9680-820EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 19 of 97
AD9680-1000
AVDD1 = 1.25 V, AVDD1_SR = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, 1.7 V p-p
full-scale differential input, AIN = −1.0 dBFS, default SPI settings, clock divider = 2, TA = 25°C, 128k FFT sample, unless otherwise noted.
See Table 10 for recommended settings.
–130
–110
–90
–70
–50
–30
–10
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 67.2dBFS
ENOB = 10.8 BITS
SFDR = 88dBFS
BUFFER CONTROL 1 = 1.5×
Figure 30. Single-Tone FFT with fIN = 10.3 MHz
–130
–110
–90
–70
–50
–30
–10
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 66.6dBFS
ENOB = 10.7 BITS
SFDR = 85dBFS
BUFFER CONTROL 1 = 3.0×
Figure 31. Single-Tone FFT with fIN = 170.3 MHz
–130
–110
–90
–70
–50
–30
–10
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 65.3dBFS
ENOB = 10.5 BITS
SFDR = 85dBFS
BUFFER CONTROL 1 = 3.0×
Figure 32. Single-Tone FFT with fIN = 340.3 MHz
–130
–110
–90
–70
–50
–30
–10
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 64.0dBFS
ENOB = 10.3 BITS
SFDR = 82dBFS
BUFFER CONTROL 1 = 3.0×
Figure 33. Single-Tone FFT with fIN = 450.3 MHz
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 61.5dBFS
ENOB = 10.1 BITS
SFDR = 82dBFS
BUFFER CONTROL 1 = 6.0×
–120
–100
–80
–60
–40
–20
0
Figure 34. Single-Tone FFT with fIN = 765.3 MHz
0
500
400
300
200
100
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 60.5dBFS
ENOB = 9.9 BITS
SFDR = 80dBFS
BUFFER CONTROL 1 = 6.0×
–120
–100
–80
–60
–40
–20
0
Figure 35. Single-Tone FFT with fIN = 985.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com