Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3111VVT2R Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC3111VVT2R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVT2R Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3111VVT2R Datasheet HTML 6Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 9Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 10Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 11Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 12Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 13Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
OUTLINE DRAWING SOT23-5L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCH
MIN
NOM
MAX
MIN
NOM
MAX
A
0.95
1.20
1.45
0.037
0.047
0.057
A1
0.05
---
0.15
0.002
---
0.006
A2
0.90
1.1
1.30
0.035
0.043
0.051
b
0.30
0.40
0.50
0.012
0.016
0.020
c
0.08
0.15
0.25
0.003
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
---
0.95
---
---
0.037
---
e1
---
1.90
---
---
0.075
---
L
0.35
---
0.55
0.014
---
0.022
L1
---
0.60
---
---
0.024
---
G
---
0.25
---
---
0.010
---
Θ1
0°
---
9°
0°
---
9°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com