Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P6SMB8.2AT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # P6SMB8.2AT3
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6SMB8.2AT3 Datasheet(HTML) 3 Page - ON Semiconductor

  P6SMB8.2AT3 Datasheet HTML 1Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 2Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 3Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 4Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 5Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 6Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 7Page - ON Semiconductor P6SMB8.2AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P6SMB6.8AT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Devices listed in bold, italic are ON Semiconductor Preferred devices.)
VRWM
Breakdown Voltage
VC @ IPP (Note 8.)
Device
VRWM
(Note 6.)
IR @ VRWM
VBR Volts (Note 7.)
@ IT
VC
IPP
QVBR
Device
Device
Marking
Volts
µA
Min
Nom
Max
mA
Volts
Amps
%/
°C
P6SMB6.8AT3
P6SMB7.5AT3
P6SMB8.2AT3
P6SMB9.1AT3
6V8A
7V5A
8V2A
9V1A
5.8
6.4
7.02
7.78
1000
500
200
50
6.45
7.13
7.79
8.65
6.8
7.51
8.2
9.1
7.14
7.88
8.61
9.55
10
10
10
1
10.5
11.3
12.1
13.4
57
53
50
45
0.057
0.061
0.065
0.068
P6SMB10AT3
P6SMB11AT3
P6SMB12AT3
P6SMB13AT3
10A
11A
12A
13A
8.55
9.4
10.2
11.1
10
5
5
5
9.5
10.5
11.4
12.4
10
11.05
12
13.05
10.5
11.6
12.6
13.7
1
1
1
1
14.5
15.6
16.7
18.2
41
38
36
33
0.073
0.075
0.078
0.081
P6SMB15AT3
P6SMB16AT3
P6SMB18AT3
P6SMB20AT3
15A
16A
18A
20A
12.8
13.6
15.3
17.1
5
5
5
5
14.3
15.2
17.1
19
15.05
16
18
20
15.8
16.8
18.9
21
1
1
1
1
21.2
22.5
25.2
27.7
28
27
24
22
0.084
0.086
0.088
0.09
P6SMB22AT3
P6SMB24AT3
P6SMB27AT3
P6SMB30AT3
22A
24A
27A
30A
18.8
20.5
23.1
25.6
5
5
5
5
20.9
22.8
25.7
28.5
22
24
27.05
30
23.1
25.2
28.4
31.5
1
1
1
1
30.6
33.2
37.5
41.4
20
18
16
14.4
0.092
0.094
0.096
0.097
P6SMB33AT3
P6SMB36AT3
P6SMB39AT3
P6SMB43AT3
33A
36A
39A
43A
28.2
30.8
33.3
36.8
5
5
5
5
31.4
34.2
37.1
40.9
33
.05
36
39.05
43.05
34.7
37.8
41
45.2
1
1
1
1
45.7
49.9
53.9
59.3
13.2
12
11.2
10.1
0.098
0.099
0.1
0.101
P6SMB47AT3
P6SMB51AT3
P6SMB56AT3
P6SMB62AT3
47A
51A
56A
62A
40.2
43.6
47.8
53
5
5
5
5
44.7
48.5
53.2
58.9
47.05
51.05
56
62
49.4
53.6
58.8
65.1
1
1
1
1
64.8
70.1
77
85
9.3
8.6
7.8
7.1
0.101
0.102
0.103
0.104
P6SMB68AT3
P6SMB75AT3
P6SMB82AT3
P6SMB91AT3
68A
75A
82A
91A
58.1
64.1
70.1
77.8
5
5
5
5
64.6
71.3
77.9
86.5
68
75.05
82
91
71.4
78.8
86.1
95.5
1
1
1
1
92
103
113
125
6.5
5.8
5.3
4.8
0.104
0.105
0.105
0.106
P6SMB100AT3
P6SMB110AT3
P6SMB120AT3
P6SMB130AT3
100A
110A
120A
130A
85.5
94
102
111
5
5
5
5
95
105
114
124
100
110.5
120
130.5
105
116
126
137
1
1
1
1
137
152
165
179
4.4
4.0
3.6
3.3
0.106
0.107
0.107
0.107
P6SMB150AT3
P6SMB160AT3
P6SMB170AT3
P6SMB180AT3
150A
160A
170A
180A
128
136
145
154
5
5
5
5
143
152
162
171
150.5
160
170
180
158
168
179
189
1
1
1
1
207
219
234
246
2.9
2.7
2.6
2.4
0.108
0.108
0.108
0.108
P6SMB200AT3
200A
171
5
190
200
210
1
274
2.2
0.108
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com