Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE673-04E/P Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 46Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 47Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 48Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 49Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 50Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 51Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 52Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 53Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
PIC12CE67X
DS40181B-page 50
Preliminary
© 1998 Microchip Technology Inc.
9.4
Power-on Reset (POR), Power-up
Timer (PWRT) and Oscillator Start-up
Timer (OST)
9.4.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the POR, just tie the MCLR
pin through a resistor to VDD. This will eliminate exter-
nal RC components usually needed to create a Power-
on Reset. A maximum rise time for VDD is specified.
See Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607, "
Power-up Trouble Shooting."
9.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up only, from the POR. The Power-
up Timer operates on an internal RC oscillator. The
chip is kept in reset as long as the PWRT is active. The
PWRT’s time delay allows VDD to rise to an acceptable
level. A configuration bit is provided to enable/disable
the PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature, and process variation. See DC
parameters for details.
9.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal oscil-
lator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
9.4.4
TIME-OUT SEQUENCE
On power-up the time-out sequence is as follows: First
PWRT time-out is invoked after the POR time delay has
expired. Then OST is activated. The total time-out will
vary based on oscillator configuration and the status of
the PWRT. For example, in RC mode with the PWRT
disabled, there will be no time-out at all. Figure 9-8,
Figure 9-9, and Figure 9-10 depict time-out sequences
on power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(Figure 9-9). This is useful for testing purposes or to
synchronize more than one PIC12CE67X device oper-
ating in parallel.
Table 9-5 shows the reset conditions for all the regis-
ters.
9.4.5
POWER CONTROL (PCON)/STATUS
REGISTER
The power control/status register, PCON (address
8Eh) has one bit. See Figure 4-8 for register.
Bit1 is POR (Power-on Reset). It is cleared on a Power-
on Reset and is unaffected otherwise. The user set this
bit following a Power-on Reset. On subsequent resets
if POR is ‘0’, it will indicate that a Power-on Reset must
have occurred.
TABLE 9-3:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 9-4:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up
Wake-up from SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
1024TOSC
INTRC, EXTRC
72 ms
—
—
POR
TO
PD
0
1
1
Power-on Reset
0
0
x
Illegal, TO is set on POR
0
x
0
Illegal, PD is set on POR
1
0
u
WDT Reset
1
0
0
WDT Wake-up
1
u
u
MCLR Reset during normal operation
1
1
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com