Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3SPD090F Datasheet(PDF) 1 Page - StarHope

Part # 3SPD090F
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

3SPD090F Datasheet(HTML) 1 Page - StarHope

  3SPD090F Datasheet HTML 1Page - StarHope 3SPD090F Datasheet HTML 2Page - StarHope 3SPD090F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
REV 2017 08 22
..
.
www.spsemi.cn
Page 1 of 3
Gas Discharge Tube
3SPD Series
Features
Electronic stability
Small volume, easy to placement machine operation
Large flow capacity, impact resistant ability
Static electricity capacity, good insulation
Reaction speed is 50 ns - 150 ns
GDT/3SPD Series
Applications
ADSL MODEM
FAX
TELEPHONE
、、
RS485
RS232
CAN level of protection
、、
CATV
Power supply prevents thunder common-mode protection
Marking Code
3SPD090FX
Internal Code(Default)
F:Two Parties
A:A Round
Nom. DC spark-over
voltage Vs
090:90V
150:150V
470:470V
:
SPX 2R/0.5KA
SPA 2R/2.5KA
:
SPB 2R/5KA
:
SPC 2R/5KA
:
SPH 2R/20KA
:
3SPC 3R/5KA
:
:/
3SPD 3R KA
3SPH 3R/20KA
:
Product Name
Marking Code
Logo
D090


Similar Part No. - 3SPD090F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
3SPB30J BILIN-3SPB30J Datasheet
466Kb / 4P
SuperPlanar Bridge Rectifiers
3SPB30K BILIN-3SPB30K Datasheet
466Kb / 4P
SuperPlanar Bridge Rectifiers
3SPB30MHM BILIN-3SPB30MHM Datasheet
470Kb / 4P
Silicon Bridge Rectifiers
3SPB35J BILIN-3SPB35J Datasheet
403Kb / 4P
SuperPlanar Bridge Rectifiers
3SPB35K BILIN-3SPB35K Datasheet
403Kb / 4P
SuperPlanar Bridge Rectifiers
More results

Similar Description - 3SPD090F

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com