Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PKMCS1818E20A0-R1
Description  Piezoelectric Sounders / Buzzers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKMCS1818E20A0-R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PKMCS1818E20A0-R1 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PKMCS1818E20A0-R1
PKMCS1818E20A0-R1
Appearance & Shape
Applications
Automotive
Usage
Infotainment
Other Usage
Automotive/Industrial
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R1
330mm Embossed Tape
250
Features
Taking advantage of extensive acoustic and mechanical design
technology and high performance ceramics, Murata has developed
High Sound Pressure Level SMD piezoelectric sounder that is
suitable for the burglar alarm and notification sound on the
equipments inside vehicles.
It helps the thin, high-density design of electronic equipment.
Features
1. High sound pressure level and clear sound
2. Available for a wide temperature range(-
~
40
+105゚C).
3. Reflowable
4. Tape & Reel supply
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2017/11/01


Similar Part No. - PKMCS1818E20A0-R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKMCS1818E20A0-R1 MURATA1-PKMCS1818E20A0-R1 Datasheet
519Kb / 12P
Specification of Piezoelectric Sounder
May 20, 2021
PKMCS1818E20A0-R1 MURATA1-PKMCS1818E20A0-R1_V01 Datasheet
519Kb / 12P
Specification of Piezoelectric Sounder
May 20, 2021
More results

Similar Description - PKMCS1818E20A0-R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPPH4001-B0 MURATA-PKM22EPPH4001-B0 Datasheet
222Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
Piezoelectric Sounders / Buzzers
PKMCS0909E4000-R1 MURATA-PKMCS0909E4000-R1_17 Datasheet
211Kb / 3P
Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com