Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC8806VVB2R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC8806VVB2R
Description  Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8806VVB2R Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC8806VVB2R Datasheet HTML 1Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 2Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 3Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 4Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 5Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 6Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 7Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 8Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 13
4L03N-Rev.F001
EC8806
Ultra-Low Noise Ultra-Fast 300mA LDO
Regulator
Marking Information
Device
Marking
Information
Package
Type
Remarks
EC8806VVB2R
8806
VVYW
SOT23-5
1.
VV:Output Voltage(Ex:15:1.5V;33:3.3V)
2.
Y:Year code(D=2013;E=2014;F=2015…)
3.
W :Week Code(The big character of A~Z is for the week of
1~26, and small a~z is for the week of 27~52.)
EC8806VVC5R
6VVf
SC70-5
1.
VV:Output Voltage(Ex:15:1.5V;33:3.3V)
2.
Starting with underlined first-V, a bar is for production year 2012.
The next bar is mark on top of second-V is for year 2013. The
next bar is mark on bottom of second-V is for year 2014.The next
bar is mark on top of f is year for 2015. The naming pattern
continues with consecutive characters for later years.
3.
f is the week of production. The big character of A~Z is for the
week of 1~26, and small a~z is for the week of 27~52.
Typical Application Circuit
VIN
CIN=1µF
Enable
VIN
VOUT
EN
BP
VOUT
COUT=1µF
10nF(Optional)
100K
Figure 1. Fixed Voltage BP Version
VIN
CIN=1µF
Enable
VIN
VOUT
EN
ADJ
VOUT
COUT=1µF
R1
R2
100K
Volts
R
R
1
2
.
1
V
2
1
OUT
 
Figure 2. Adjustable Voltage Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com