Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9526A46FSR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9526A46FSR
Description  One-cell Li-ion/Li-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9526A46FSR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9526A46FSR Datasheet HTML 1Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 2Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 3Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 4Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 5Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 6Page - E-CMOS Corporation EC9526A46FSR Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
One-cell Li-ion/Li-polymer
battery protection IC
EC9526
E-CMOS Corp. (www.ecmos.com.tw)
4C12N-Rev.P001
Page 4 of 7
(Table 1)
※ Detection delay time combination
1
2
3
4
5
6
7
8
Overcharge detection delay time
tVdet1
1.2s
1.2s
143ms
1.2s
1.2s
1.2s
573ms
1.0s
Overdischarge detection delay time
tVdet2
150ms
150ms
38ms
150ms
38ms
150ms
150ms
96ms
Discharging overcurrent detection delay time
tVdet3
9ms
9ms
18ms
18ms
9ms
4.5ms
4.5ms
12ms
Charging overcurrent detection delay time
tVdet4
9ms
9ms
9ms
9ms
9ms
9ms
4.5ms
6ms
Short detection delay time
tshort
300us
400us
300us
300us
300us
300us
300us
400us
(Table 2)
Product name
Package
0V battery
charge
function
Detection / Release voltage
Detections
delay time
combination
※
Product name
Package
0V
battery
charge
function
Detections
delay time
combination
※
(Table 2)
Vdet1
Vrel1
Vdet2
Vrel2
Vdet3
Vdet4
EC9526N16FSR
SON6C
Prohibition
4.280
4.080
2.400
2.400
0.050
-0.100
6
EC9526P16FSR
SON6C
Prohibition
4.225
4.125
2.000
2.000
0.200
-0.100
7
EC9526T16FSR
SON6C
Permission
4.225
4.225
2.500
2.900
0.150
-0.150
8
EC9526W16FSR
SON6C
Permission
4.225
4.025
2.500
2.900
0.150
-0.150
8
EC9526W26FSR
SON6C
Permission
4.375
4.175
2.400
2.800
0.145
-0.145
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com