Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC9526C76FSR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9526C76FSR
Description  One-cell Li-ion/Li-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9526C76FSR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9526C76FSR Datasheet HTML 1Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 2Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 3Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 4Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 5Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 6Page - E-CMOS Corporation EC9526C76FSR Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
One-cell Li-ion/Li-polymer
battery protection IC
EC9526
E-CMOS Corp. (www.ecmos.com.tw)
4C12N-Rev.P001
Page 1 of 7
General Description
The EC9526 series are protection IC using high voltage CMOS process for overcharge, overdischarge and overcurrent
protection of the rechargeable Lithium-ion or Lithium-polymer battery. The overcharge, overdischarge , discharging
overcurrent , charging overcurrent , and short protection of the rechargeable one-cell Lithium-ion or Lithium-polymer battery
can be detected. Each of these IC composed of four voltage detectors, short detection circuit, reference voltage sources,
oscillator, counter circuit and logical circuits.
Features (Unless otherwise specified, Topr=+25℃)
1) Range and accuracy of detection/release voltage
・ Overcharge detection voltage
4.0V to 4.5V, 5mV steps
Accuracy±20mV
Accuracy±25mV (Topr=-5 to +60℃)
・ Overcharge release voltage
3.9V to 4.5V, 50mV steps
Accuracy±30mV
・ Overdischarge detection voltage
2.0V to 3.0V, 50mV steps
Accuracy±35mV
・ Overdischarge release voltage
2.0V to 3.5V, 50mV steps
Accuracy±100mV
・ Discharging overcurrent detection voltage +50mV to +300mV, 5mV steps
Accuracy±10mV
・ Charging overcurrent detection voltage
-50mV to -300mV, 5mV steps
Accuracy±20mV
・ Short detection voltage
0.5V fixed
Accuracy±100mV
2) Range of detection delay time
・ Overcharge detection delay time
Selection from 143ms, 573ms, 1.2s
・ Overdischarge detection delay time
Selection from 38ms, 150ms, 300ms
・ Discharging overcurrent detection delay time Selection from 4.5ms, 9ms, 18ms
・ Charging overcurrent detection delay time
Selection from 4.5ms, 9ms, 18ms
・ Short detection delay time
Selection from 300us, 400us
3) 0V battery charge function
Selection from "Prohibition" or "Permission"
4) Low current consumption
・ Normal mode
Typ. 3.0uA, Max. 5.5uA
・ Stand-by mode
Max. 0.1uA
5)
Absolute maximum ratings
・ VDD pin
VSS-0.3V to 12V
・ COUT pin and V- pin
VDD-28V to VDD+0.3V
・ DOUT pin
VSS-0.3V to VDD+0.3V
・ Storage temperature
-55 to +125℃
・ Operation temperature
-40 to +85℃
6) Package type
・ SSON-6J
1.40 × 1.40 × 0.55(mm)
・ SON-6C
1.60 × 2.00 × 0.60(mm)


Similar Part No. - EC9526C76FSR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
One-cell Lithium Battery Protection IC
EC9526ANB3R E-CMOS-EC9526ANB3R Datasheet
842Kb / 10P
One-cell Lithium Battery Protection IC
More results

Similar Description - EC9526C76FSR

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Mitsumi Electronics, Co...
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
One-cell li-ion/li-polymer battery protection IC
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
One-cell li-ion/li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
Single-cell Li-ion/Li-polymer battery protection IC
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com