Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC732320 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC732320
Description  20V, 800mA N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732320 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC732320 Datasheet HTML 1Page - E-CMOS Corporation EC732320 Datasheet HTML 2Page - E-CMOS Corporation EC732320 Datasheet HTML 3Page - E-CMOS Corporation EC732320 Datasheet HTML 4Page - E-CMOS Corporation EC732320 Datasheet HTML 5Page - E-CMOS Corporation EC732320 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC732320
20V、
、800mA N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4K24N-Rev.F001
Test circuits and Waveforms
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com