Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SMA40CAT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA40CAT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA40CAT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA40CAT3 Datasheet HTML 1Page - ON Semiconductor 1SMA40CAT3 Datasheet HTML 2Page - ON Semiconductor 1SMA40CAT3 Datasheet HTML 3Page - ON Semiconductor 1SMA40CAT3 Datasheet HTML 4Page - ON Semiconductor 1SMA40CAT3 Datasheet HTML 5Page - ON Semiconductor 1SMA40CAT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SMA10CAT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
VRWM
Breakdown Voltage
VC @ IPP (Note 6)
Device
VRWM
(Note 4)
IR @ VRWM
VBR (Volts) (Note 5)
@ IT
VC
IPP
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
Volts
Amps
1SMA10CAT3
QXC
10
2.5
11.1
11.69
12.27
1.0
17.0
23.5
1SMA11CAT3
QZC
11
2.5
12.2
12.84
13.48
1.0
18.2
22.0
1SMA12CAT3
REC
12
2.5
13.3
14.00
14.70
1.0
19.9
20.1
1SMA13CAT3, G*
RGC
13
2.5
14.4
15.16
15.92
1.0
21.5
18.6
1SMA14CAT3
RKC
14
2.5
15.6
16.42
17.24
1.0
23.2
17.2
1SMA15CAT3, G*
RMC
15
2.5
16.7
17.58
18.46
1.0
24.4
16.4
1SMA16CAT3, G*
RPC
16
2.5
17.8
18.74
19.67
1.0
26.0
15.4
1SMA18CAT3
RTC
18
2.5
20
21.06
22.11
1.0
29.2
13.7
1SMA20CAT3, G*
RVC
20
2.5
22.2
23.37
24.54
1.0
32.4
12.3
1SMA22CAT3
RXC
22
2.5
24.4
25.69
26.97
1.0
35.5
11.3
1SMA24CAT3, G*
RZC
24
2.5
26.7
28.11
29.51
1.0
38.9
10.3
1SMA26CAT3, G*
SEC
26
2.5
28.9
30.42
31.94
1.0
42.1
9.5
1SMA28CAT3
SGC
28
2.5
31.1
32.74
34.37
1.0
45.4
8.8
1SMA30CAT3
SKC
30
2.5
33.3
35.06
36.81
1.0
48.4
8.3
1SMA33CAT3, G*
SMC
33
2.5
36.7
38.63
40.56
1.0
53.3
7.5
1SMA36CAT3, G*
SPC
36
2.5
40
42.11
44.21
1.0
58.1
6.9
1SMA40CAT3
SRC
40
2.5
44.4
46.74
49.07
1.0
64.5
6.2
1SMA43CAT3
STC
43
2.5
47.8
50.32
52.83
1.0
69.4
5.8
1SMA48CAT3
SXC
48
2.5
53.3
56.11
58.91
1.0
77.4
5.2
1SMA51CAT3
SZC
51
2.5
56.7
59.69
62.67
1.0
82.4
4.9
1SMA54CAT3
TEC
54
2.5
60
63.16
66.32
1.0
87.1
4.6
1SMA58CAT3, G*
TGC
58
2.5
64.4
67.79
71.18
1.0
93.6
4.3
1SMA60CAT3, G*
TKC
60
2.5
66.7
70.21
73.72
1.0
96.8
4.1
1SMA64CAT3
TMC
64
2.5
71.1
74.84
78.58
1.0
103
3.9
1SMA70CAT3
TPC
70
2.5
77.8
81.90
85.99
1.0
113
3.5
1SMA78CAT3
TTC
78
2.5
86.7
91.27
95.83
1.0
126
3.2
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level
5. VBR measured at pulse test current IT at an ambient temperature of 25°C
6. Surge current waveform per Figure 2 and derate per Figure 3
* The “G” suffix indicates Pb−Free package available.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com