Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LX1G70CTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LX1G70CTR
Description  SINGLE BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G70CTR Datasheet(HTML) 2 Page - STMicroelectronics

  74LX1G70CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G70CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LX1G70
2/10
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Rating are those value beyond which damage to the device may occur. Functional operation under these condition is not
implied
1) IO absolute maximum rating must be observed
2) VO <GND, VO >VCC
PIN N°
SYMBOL
NAME AND FUNCTION
1
NC
Not Connected
2
1A
Data Input
4
1Y
Data Output
3
GND
Ground (0V)
5
VCC
Positive Supply Voltage
AY
LL
HH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC =0V)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10