Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3281 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3281
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3281 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3281 Datasheet HTML 1Page - Allegro MicroSystems 3281 Datasheet HTML 2Page - Allegro MicroSystems 3281 Datasheet HTML 3Page - Allegro MicroSystems 3281 Datasheet HTML 4Page - Allegro MicroSystems 3281 Datasheet HTML 5Page - Allegro MicroSystems 3281 Datasheet HTML 6Page - Allegro MicroSystems 3281 Datasheet HTML 7Page - Allegro MicroSystems 3281 Datasheet HTML 8Page - Allegro MicroSystems 3281 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
3
Part Numbers1
A3280
A3281
A3283
Characteristic
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point, BOP
at TA = +25°C and TA = max.
5.0
22
40
15
50
90
100
150
180
G
at TA = -40°C
5.0
–
40
15
–
90
100
–
200
G
Release Point, BRP
at TA = +25°C and TA = max.
-40
-23
-5.0
-90
-50
-15
-180
-150
-100
G
at TA = -40°C
-40
–
-5.0
-90
–
-15
-200
–
-100
G
Hysteresis, Bhys
at TA = +25°C and TA = max.
10
45
80
30
100
180
–
300
360
G
(BOP - BRP)
at TA = -40°C
–
–
80
–
–
180
–
–
360
G
NOTES:1. Complete part number includes a suffix to identify operating temperature range (E or L) and
package type (LH, LT, or UA).
2. As used here, negative flux densities are defined as less than zero (algebraic convention) and -50 G is less than +10 G.
3. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
4. 1 gauss (G) is exactly equal to 0.1 millitesla (mT).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating, TJ < 165°C1
4.2
–
24
V
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
––
10
µA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
–
185
500
mV
Output Current Limit
IOM
B > BOP
30
–
60
mA
Power-On Time
tpo
VCC > 4.2 V
–
–
50
µs
Chopping Frequency
fC
–
340
–
kHz
Output Rise Time
tr
RL = 820 Ω, CL = 20 pF
–
0.2
2.0
µs
Output Fall Time
tf
RL = 820 Ω, CL = 20 pF
–
0.1
2.0
µs
Supply Current
ICC
B < BRP, VCC = 12 V
–
3.0
8.0
mA
B > BOP, VCC = 12 V
–
4.0
8.0
mA
Reverse Battery Current
ICC
VRCC = -30 V
–
–
-5.0
mA
Zener Voltage
VZ + VD
ICC = 15 mA, TA = 25°C
283237
V
Zener Impedance
zz + zD
ICC = 15 mA, TA = 25°C–
50
–
Ω
NOTES:1. Maximum voltage must be adjusted for power dissipation and junction temperature.
2. BOP = operate point (output turns on); BRP = release point (output turns off).
3. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
ELECTRICAL CHARACTERISTICS over operating temperature range.
MAGNETIC CHARACTERISTICS over operating voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com