Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BULB39D Datasheet(PDF) 5 Page - STMicroelectronics

Part # BULB39D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULB39D Datasheet(HTML) 5 Page - STMicroelectronics

  BULB39D Datasheet HTML 1Page - STMicroelectronics BULB39D Datasheet HTML 2Page - STMicroelectronics BULB39D Datasheet HTML 3Page - STMicroelectronics BULB39D Datasheet HTML 4Page - STMicroelectronics BULB39D Datasheet HTML 5Page - STMicroelectronics BULB39D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.036
B2
1.14
1.70
0.044
0.067
C
0.45
0.60
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8.00
0.315
E
10.00
10.40
0.393
0.409
E1
8.50
0.334
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.4
0.050
0.055
L3
1.40
1.75
0.055
0.068
M
2.40
3.2
0.094
0.126
R
0.40
0.016
V2
0
o
8
o
0
o
8
o
P011P6/G
TO-263 (D
2PAK) MECHANICAL DATA
- Weight : 1.38 g (typ.)
- The planaty of the slug must be within 30
µm
BULB39D
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com