Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGC10CS Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGC10CS
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC10CS Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGC10CS Datasheet HTML 1Page - GOOD-ARK Electronics SGC10CS Datasheet HTML 2Page - GOOD-ARK Electronics SGC10CS Datasheet HTML 3Page - GOOD-ARK Electronics SGC10CS Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGC10CS
Surface Mount Schottky Rectifier
Reverse Voltage 200V Forward Current 10A
www.goodark.com
2/4
2015.04-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2. Typical Reverse Characteristics 
Figure 1.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Instantaneous Forward
Characteristics 
Figure 5.Forward Current Derating Curve
www.goodark.com
2/4
2015.04-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com