Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9252ABCPZ-50 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9252ABCPZ-50
Description  Serial LVDS, 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9252ABCPZ-50 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9252ABCPZ-50 Datasheet HTML 17Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 18Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 19Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 20Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 21Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 22Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 23Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 24Page - Analog Devices AD9252ABCPZ-50 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AD9252
Data Sheet
Rev. E | Page 20 of 52
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 45).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9252.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter crystal-controlled oscillators make
the best clock sources. If the clock is generated from another
type of source (by gating, dividing, or other methods), it should
be retimed by the original clock at the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 45. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
As shown in Figure 46, the power dissipated by the AD9252 is
proportional to its sample rate. The digital power dissipation
does not vary much because it is determined primarily by the
DRVDD supply and bias current of the LVDS output drivers.
ENCODE (MSPS)
10
50
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
15
20
25
30
35
40
45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
TOTAL POWER
AVDD CURRENT
DRVDD CURRENT
Figure 46. Supply Current vs. fSAMPLE for fIN = 10.3 MHz, fSAMPLE = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com