Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICO-APL3 Datasheet(PDF) 1 Page - AAEON Technology

Part # PICO-APL3
Description  Onboard DDR3L 2GB (Optional to 4GB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL3 Datasheet(HTML) 1 Page - AAEON Technology

  PICO-APL3 Datasheet HTML 1Page - AAEON Technology PICO-APL3 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
PICO-APL3
System
Form Factor
PICO-ITX
CPU
Intel® Atom™ Processor SoC
CPU Frequency
Up to 2.4GHz
Chipset
Intel® Atom™ Processor SoC
Memory Type
Onboard DDR3L 2G (Option to 4G)
Max. Memory Capacity
Up to 4GB
BIOS
AMI/SPI
Wake On LAN
Yes
Watchdog Timer
255 Level
Power Requirement
+12V, AT/ATX
Power Supply Type
Lockable & phenix Terminal co-lay
Power Consumption
(Typical)
—
System Cooling
Heat-spreader, heatsink & cooler (Optional)
Dimension
3.94" x 2.84" (100mm x 72mm)
Gross Weight
—
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C),
Storage Temperature
-40˚F ~ 176˚F (-40˚C ~ 80˚C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
—
Certification
CE,FCC
Display
Chipset
Intel® Atom Processor SoC
Resolution
1. HDMI: 3840x2160@30Hz
2. Internal eDP: 4096x2160@60Hz (Optional)
3. DDI (Optional from BIO)
LCD Interface
eDP
I/O
Storage/SSD
SATA III 6.0Gb/s x 1, 5V/12V Power reserved
M.2 2280 (B Key) x 1
eMMC 16G (optional to 32/64G)
Ethernet
Realtek 8111G x 1
USB Port
USB 3.0 x 2 Rear IO
USB 2.0 x 2 (Internal, co-use with FAN connector)
Serial Port
COM1: RS-232
COM2: RS-232
Audio
ALC269 (Included Amp)
DIO
4-bit
Expansion Slot
M.2 2230 x 1 (E-Key)
BIO x 1 (Optional)
I2C, Smbus, I2S
MIPI-CSI x 2 Lanes (Optional)
MIPI-CSI x 4 Lanes (Optional)
SIM
—
TPM
TPM2.0 (Optional)
Touch
—
■
■ Intel® Pentium® N4200/ Celeron® N3350 Atom™ Processor SoC
■
■ Onboard DDR3L 2GB (Optional to 4GB)
■
■ Onboard Storage eMMC 16GB (Optional to 32GB/64GB)
■
■ Single GbE LAN Support
■
■ HDMI, eDP for Display
■
■ BIO Reserved (Optional)
■
■ USB 3.0 x 2, USB 2.0 x 2, SATAIII x 1
■
■ M.2 B Key (2280) x 1, M.2 E Key (2230) x 1
■
■ Onboard HDA Audio Support (Line in, Line out, MIC)
■
■ MIPI-CSI 2 Lanes x 1 for 2M Camera
■
■ MIPI-CSI 4 Lanes x 1 for 8M Camera
PICO-ITX Board with Intel® Pentium® N4200/ Celeron® N3350 Atom™ Processor SoC
• 1703200153
COM x 2, Line out Cable
• Product DVD
• PICO-APL3
Optional Accessories
Part Number
Description
Qty
1709070500
(TF) SATA Cable. 50cm
1
1702150155
(TF) SATA Power Cable.15cm
1
TBD
Heatsink
1
TBD
Heat Spreader
1
Packing List
2017/07/17
Preliminary
05
05-19
05-20
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.


Similar Part No. - PICO-APL3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PICO-APL3-SEMI AAEON-PICO-APL3-SEMI Datasheet
484Kb / 2P
PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
PICO-APL3-SEMI-A10-FS01 AAEON-PICO-APL3-SEMI-A10-FS01 Datasheet
484Kb / 2P
PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
PICO-APL3-SEMI-A10-FS02 AAEON-PICO-APL3-SEMI-A10-FS02 Datasheet
484Kb / 2P
PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
PICO-APL3-SEMI-A10-FS03 AAEON-PICO-APL3-SEMI-A10-FS03 Datasheet
484Kb / 2P
PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
PICO-APL3-SEMI-A10-FS04 AAEON-PICO-APL3-SEMI-A10-FS04 Datasheet
484Kb / 2P
PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
More results

Similar Description - PICO-APL3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
2Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
2Gb DDR3L SDRAM
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
2Gb DDR3L SDRAM
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
H5TC4G43MFR HYNIX-H5TC4G43MFR Datasheet
530Kb / 34P
4Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
2Gb DDR3L SDRAM
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
2Gb DDR3L SDRAM
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
4Gb DDR3L SDRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com