Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FESD05LVC Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FESD05LVC
Description  Ultra Low Capacitance ESD array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD05LVC Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FESD05LVC Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FESD05LVC Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FESD05LVC Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FESD05LVC Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FESD05LVC Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FESD05LVC Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FESD05LVCA
Ultra Low Capacitance ESD array
Applications
●
Personnal Digital Assistance
●
Wireless System
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 2.0 Power and Data line Protection
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage @IPP=1A<15V
●
150 Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:1pf max.(any I/O to GND.)
●
Protection 4 lines I/O port
SOT23-6L
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):LeveL 4,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):5A,8/20us
Mechanical Characteristics
●
Molded JEDEC SOT23-6L package
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) see fig 1.
PPP
150
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
Peak Pulse Current(tp=8/20us)
IPP
5
A
Electrostatic Discharge
VESD
>
8(Contact)
>15(Air)
KV
Pin
Identification
1,3,4,6
Input lines
5
VCC IN
2
Ground
①
③
④
⑥
Futurewafer Technology Co., Ltd
E1603F6A-STD-FW-03


Similar Part No. - FESD05LVC

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
Ultra Low Capacitance ESD array
More results

Similar Description - FESD05LVC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
Ultra-Low Capacitance ESD Array
2008-10-29
ESD5V3U2U INFINEON-ESD5V3U2U Datasheet
558Kb / 8P
Ultra-Low Capacitance ESD Diode Array
2008-09-04
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
FutureWafer Tech Co.,Lt...
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
Ultra Low Capacitance ESD array
FSRV05-4-3PF FUTUREWAFER-FSRV05-4-3PF Datasheet
972Kb / 5P
Ultra Low Capacitance ESD array
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
Ultra Low Capacitance ESD array
FSRV05-4 FUTUREWAFER-FSRV05-4 Datasheet
972Kb / 5P
Ultra Low Capacitance ESD array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
Ultra Low Capacitance ESD array
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
Ultra Low Capacitance ESD Array
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
Ultra Low Capacitance ESD array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com