Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3590 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3590
Description  LM3590Series White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3590 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3590 Datasheet HTML 1Page - National Semiconductor (TI) LM3590 Datasheet HTML 2Page - National Semiconductor (TI) LM3590 Datasheet HTML 3Page - National Semiconductor (TI) LM3590 Datasheet HTML 4Page - National Semiconductor (TI) LM3590 Datasheet HTML 5Page - National Semiconductor (TI) LM3590 Datasheet HTML 6Page - National Semiconductor (TI) LM3590 Datasheet HTML 7Page - National Semiconductor (TI) LM3590 Datasheet HTML 8Page - National Semiconductor (TI) LM3590 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3 to 13.0V Max
EN
−0.3 to (V
IN+0.3V) w/
13.0V max
Maximum Junction Temperature
(T
JMAX)
150˚C
Storge Temperature
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model
1.5kV
Machine Model
200V
Operating Conditions
Input Voltage Range
6.0V to 12.6V
EN Voltage Range
0V to V
IN
Ambient Temperature (T
A)
Range
(Note 4)
−40˚C to +85˚C
Junction Temperature (T
J)
Range
−40˚C to +110˚C
Thermal Information
Junction-to-Ambient Thermal
Resistance,
SOT23-5 Package (
θ
JA) (Note 5)
220˚C/W
Electrical Characteristics (Notes 2, 6)
Limits in standard typeface are for T
J = 25˚C and limits in boldface type apply over the full Operating Junction Temperature
Range (−40˚C
≤ T
J
≤ +110˚C). Unless otherwise specified, C
IN = 1 µF, VIN = 12.0V, VEN = 3.0V, RSET = 6.19k
Ω,V
IOUT =
10.8V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
OUT
Output Current Capability
V
IN = 12V
7.5V
≤ V
IOUT
≤ 11.5V
19
(−5%)
20
21
(+5%)
mA
V
IOUT = 10.8V
11.3V
≤ V
IN
≤ 12.6V
19
(−5%)
20
21
(+5%)
R
SET = 8.35k
Ω
15
R
SET = 12.5k
Ω
10
Output Current Programming
125 ÷
R
SET
A
I
OUT ratio to ISET
100:1
I
Q
Quiescent Supply Current
11.3V
≤ V
IN
≤ 12.6V
R
SET = OPEN
I
OUT = OPEN
50
75
µA
I
SD
Shutdown Supply Current
V
IN = 12.6V
V
EN =0V
0.1
1
µA
V
ISET
I
SET Reference Voltage
1.25
V
V
HR
Minimum Current Source
Voltage Headroom (V
IN −
V
IOUT)(Note 7)
I
OUT = 95% nominal
300
mV
V
IH
Logic Input EN: High level
1.1
V
IN
V
V
IL
Logic Input EN: Low level
0
0.3
V
I
EN
Enable Pin Input Current(Note 8)
6
µA
t
ON
Turn-On Time
I
OUT = 90% of steady state
50
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics table.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The human-body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 220pF capacitor discharged
directly into each pin.
Note 4: Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =110
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP -(θJA xPD-MAX). The ambient temperature operating rating is provided merely for convenience. This part may be operated
outside the listed TA rating, so long as the junction temperature of the device does not exceed the maximum operating rating of 110
oC.
Note 5: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues. For more information on these topics, please refer to the Power Dissipation section of this datasheet.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com