Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P26B10SL Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P26B10SL
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P26B10SL Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P26B10SL Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P26B10SL Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P26B10SL Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P26B10SL Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.shindengen.co.jp/product/semi/
(J532-p〈2016.06〉I2)
*Sine waveは50Hzで測定しています。
*50Hz sine wave is used for measurements.
■特性図 CHARACTERISTIC DIAGRAMS
P26B10SL
出力特性
Typical Output Characteristics
Drain・Source Voltage VDS
〔V〕
伝達特性
Transfer Characteristics
Gate・Source Voltage VGS
〔V〕
ドレイン・ソース間オン抵抗 − ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
Drain current ID
〔A〕
ドレイン・ソース間オン抵抗 − ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
Case Temperature Tc
〔℃〕
ゲートしきい値 電圧 − ケース温度
Gate Threshold Voltage vs Case Temperature
Case Temperature Tc
〔℃〕
安全動作領域
Safe Operating Area
Drain・Source Voltage VDS
〔V〕
過渡熱抵抗
Transient Thermal Impedance
Time t
〔s〕
キャパシタンス特性
Capacitance Characteristics
Drain・Source Voltage VDS
〔V〕
全損失減少率 − ケース温度
Power Derating - Case Temperature
Case Temperature Tc
〔℃〕
ゲートチャージ特性
Gate Charge Characteristics
Total Gate Charge Qg
〔nC〕
単発アバランシェエネルギー減少率 − チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
Starting Channel Temperature Tch
〔℃〕
0
0.5
1
1.5
2
0
10
20
30
40
50
52
0
1
2
3
4
5
6
0
10
20
30
40
50
52
1
2
5
10
20
52
10
20
50
100
55
5
10
20
50
100
55
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
0.1
1
10
100
0.01
0.1
1
10
26
52
78
100
10-5
10-4
10-3
10-2
10-1
100
101
0.01
0.1
1
10
0
20
40
60
80
100
10
100
1000
10000
0
25
50
75
100
125
150
0
20
40
60
80
100
0
10
20
30
40
50
60
70
0
20
40
60
80
100
0
5
10
15
20
0
50
100
150
0
20
40
60
80
100
パルス測定
pulse measurement
VGS=10V
Tc=25℃
TYP
パルス測定
pulse measurement
Tc=25℃
TYP
パルス測定
pulse measurement
VDS=10 [V]
TYP
VGS= 10V
8V
6V
5V
Tc=150℃
Tc=100℃
Tc= 25℃
Tc= 55℃
パルス測定
pulse measurement
VGS=10V
TYP
パルス測定
pulse measurement
VDS=10V
ID=1mA
TYP
0
50
100
150
ID= 13A
Tc=25℃
single pulse
RDS(ON) Limited
(at VGS=10V)
Power Dissipation
Limited
10μs
100μs
1ms
10ms
DC
Tc=25℃
f=1MHz
TYP
Ciss
Coss
Crss
ID=26A
TYP
VDS
VGS
VDD=80V
40V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com