Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P40F10SN Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P40F10SN
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P40F10SN Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P40F10SN Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P40F10SN Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P40F10SN Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P40F10SN Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
100
60
80
40
20
全損失減少率 −ケース温度
0
25
50
75
125
150
100
Case Temperature Tc〔℃〕
単発アバランシェエネルギー減少率−チャネル温度
100
0
80
60
40
20
0
50
100
150
Starting Channel Temperature Tch〔℃〕
Power Derating - Case Temperature
過渡熱抵抗
TC=25℃
TYP
VGS=10V
8V
出力特性
Drain・Source Voltage VDS〔V〕
0
80
60
70
20
40
50
30
10
80
60
70
20
40
50
30
10
0
0.2
0.4
0.6
0.8
1
Pulse measurement
6V
5V
Typical Output Characteristics
Pulse measurement
VDS=10V
TYP
Tc=150℃
Tc= −55℃
Tc=25℃
Tc=100℃
伝達特性
Gate・Source Voltage VGS〔V〕
01
2
4
37
8
5
6
Transfer Characteristics
0
ドレイン・ソース間オン抵抗−ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
Drain Current ID〔A〕
1
50
10
1
10
80
Pulse measurement
VGS=10V
Tc=25℃
TYP
ドレイン・ソース間オン抵抗−ケース温度
Case Temperature Tc〔℃〕
1
10
100
Pulse measurement
−55
0
100
150
50
VGS=10V
TYP
ID=20A
Static Drain-Source On-state Resistance vs Case Temperature
ゲートしきい値電圧−ケース温度
Case Temperature Tc〔℃〕
Pulse measurement
−55
0
100
150
50
VDS=10V
ID=1mA
TYP
4.5
4
3.5
3
2.5
2
1.5
1
Gate Threshold Voltage vs Case Temperature
安全動作領域
Safe Operating Area
Drain・Source Voltage VDS〔V〕
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
Tc=25℃
Single Pulse
10ms
1ms
100μs
10μs
DC
10
500
160
120
80
40
0.
01
1
0.
1
10
0.
1
1
100
Time t〔s〕
10-5 10-4 10-3 10-2 10-1 100
102 103
101
Transient Thermal Impedance
0.01
0.001
0.1
100
1
10
θja
θjc
キャパシタンス特性
Capacitance Characteristics
Drain・Source Voltage VDS〔V〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
Tc=25℃
f=1MHz
TYP
VVDS
DS
VDS
0
20
ゲートチャージ特性
0
60
80
100
40
20
0
40
20
60
80
100
140
120
ID=40A
TYP
Total Gate Charge Qg〔nC〕
VGS
VDD=80V
40V
Gate Charge Characteristics
12
16
4
8
Single Avalanche Energy Derating vs Channel Temperature
Alumina Substrate 37.5×37.5×3mm
10000
1000
100
0
40
100
20
60
80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com