Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2470 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2470
Description  Monolithic Triple 7.0 ns CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2470 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2470 Datasheet HTML 1Page - National Semiconductor (TI) LM2470 Datasheet HTML 2Page - National Semiconductor (TI) LM2470 Datasheet HTML 3Page - National Semiconductor (TI) LM2470 Datasheet HTML 4Page - National Semiconductor (TI) LM2470 Datasheet HTML 5Page - National Semiconductor (TI) LM2470 Datasheet HTML 6Page - National Semiconductor (TI) LM2470 Datasheet HTML 7Page - National Semiconductor (TI) LM2470 Datasheet HTML 8Page - National Semiconductor (TI) LM2470 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+96V
Bias Voltage (V
BB)
+16V
Input Voltage (V
IN)
0V to 4.5V
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance, Human Body
Model
2kV
Machine Model
250V
Operating Ranges (Note 2)
V
CC
+60V to +85V
V
BB
+7V to +15V
V
IN
+0V to +3.75V
V
OUT
+15V to +75V
Case Temperature
−20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See Figure 2 for Test Circuit) Unless otherwise noted: V
CC = +85V, VBB = +8V, CL = 8 pF, TC = 50˚C DC Tests: VIN =
2.35VDC AC Tests: Output = 40V
PP(35V - 75V) at 1MHz
Symbol
Parameter
Conditions
LM2470
Units
Min
Typical
Max
I
CC
Supply Current
All Three Channels, No Input Signal,
No Output Load
32
mA
I
BB
Bias Current
All Three Channels
20
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 1.10V
74
78
82
V
DC
A
V
DC Voltage Gain
No AC Input Signal
−24
−27
−30
∆A
V
Gain Matching
(Note 4), No AC Input Signal
1.0
dB
LE
Linearity Error
(Notes 4, 5), No AC Input Signal
5
%
t
R (40VPP)
Rise Time, 35V to 75V
(Note 6), 10% to 90%
7.0
ns
t
F (40VPP)
Fall Time, 35V to 75V
(Note 6), 90% to 10%
7.0
ns
OS (40V
PP)
Overshoot, 35V to 75V
(Note 6)
1
%
t
R (60VPP)
Rise Time, 15V to 75V
(Note 6), 10% to 90%
7.5
ns
t
F (60VPP)
Fall Time, 15V to 75V
(Note 6), 90% to 10%
7.5
ns
OS (60V
PP)
Overshoot, 15V to 75V
(Note 6)
5
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in dc gain from VIN = 1.0V to VIN = 3.5V.
Note 6: Input from signal generator: tr,tf < 1 ns.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com