Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M123A10BPC103CMA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M123A10BPC103CMA
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A10BPC103CMA Datasheet(HTML) 3 Page - Vishay Siliconix

  M123A10BPC103CMA Datasheet HTML 1Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 2Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 3Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 4Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 5Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 6Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 7Page - Vishay Siliconix M123A10BPC103CMA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
3
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
BP
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BCB
C
BCB
C
BC
BC
B
CAP. CODE
CAP.
1R0
1.0 pF
•
•
•
1R1
1.1 pF
•
•
•
1R2
1.2 pF
•
•
•
1R3
1.3 pF
•
•
•
1R5
1.5 pF
•
•
•
1R6
1.6 pF
•
•
•
1R8
1.8 pF
•
•
•
2R0
2.0 pF
•
•
•
2R2
2.2 pF
•
•
•
2R4
2.4 pF
•
•
•
2R7
2.7 pF
•
•
•
3R0
3.0 pF
•
•
•
3R3
3.3 pF
•
•
•
3R6
3.6 pF
•
•
•
3R9
3.9 pF
•
•
•
4R3
4.3 pF
•
•
•
4R7
4.7 pF
•
•
•
5R1
5.1 pF
•
•
•
5R6
5.6 pF
•
•
•
6R2
6.2 pF
•
•
•
6R8
6.8 pF
•
•
•
7R5
7.5 pF
•
•
•
8R2
8.2 pF
•
•
•
9R1
9.1 pF
•
•
•
100
10 pF
•
•
•
110
11 pF
•
•
•
120
12 pF
•
•
•
130
13 pF
•
•
•
150
15 pF
•
•
•
160
16 pF
•
•
•
180
18 pF
•
•
•
200
20 pF
•
•
•
220
22 pF
•
•
240
24 pF
•
•
•
270
27 pF
•
•
•
300
30 pF
•
•
330
33 pF
•
•
•
360
36 pF
•
•
•
390
39 pF
•
•
•
430
43 pF
•
•
•
470
47 pF
•
•
•
510
51 pF
•
•
•
560
56 pF
•
•
•
620
62 pF
•
•
•
680
68 pF
•
•
•
750
75 pF
•
•
•
820
82 pF
•
•
•
910
91 pF
•
•
•
101
100 pF
•
•
•
111
110 pF
•
•
•
121
120 pF
•
•
•
131
130 pF
•
•
•
151
150 pF
•
•
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com