Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCAS-0440-08C Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # SCAS-0440-08C
Description  All Gold Bonding Scheme
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SCAS-0440-08C Datasheet(HTML) 2 Page - Advanced Semiconductor

  SCAS-0440-08C Datasheet HTML 1Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 2Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 3Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 4Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 5Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 6Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 7Page - Advanced Semiconductor SCAS-0440-08C Datasheet HTML 8Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-PO22X1
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
1/5/10
Phoenix, Az. 85044
© 2010 HVVi Semiconductors, Inc. All Rights Reserved.
2
HVV1214-140 (Preliminary Datasheet)
L-Band Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty Cycle
For Ground Based Radar Applications
!
!
!
!
!
!
!
!
!
!
!
!
!
The HVV1214-140 device is capable of withstanding an output load mismatch corresponding to a 20:1 VSWR at
rated output power and nominal operating voltage across the frequency band of operation.
!
!
!
!
!
!
Notes:
1) Rated at TCASE = 25°C
2) All parameters measured under pulsed conditions at 140W output power measured at the 10% point of the pulse with
pulse width = 200µsec, duty cycle = 10% and VDD = 50V, IDQ = 100mA in a broadband matched test fixture.
3) Amount of gate voltage required to attain nominal quiescent current.
4) Guaranteed by design.
"#$%&'! ()*)$+,+*!
-)'.+!
/01,!
-2""!
2*)103"&.*4+!-&',)5+!
67!
-!
-8""!
8),+3"&.*4+!-&',)5+!
39:;!9:!
-!
<2"=$)>?! 2*)10!@.**+0,!
9A!
B!
(29!
(&C+*!21DD1E),1&0!
FGA!
H!
(10!
<0E.,!(&C+*!
FIA!
H!
J"!
",&*)5+!J+$E+*),.*+!
3A:!,&!
K97:!
L@!
JM!
M.04,1&0!J+$E+*),.*+!
G::!
L@!
!"#$%&'
()*)#+,+*'
-).'
/01,'
M@
G!
JN+*$)'!O+D1D,)04+!
:I7A!
L@PH!
"#$%&'! ()*)$+,+*! J+D,!@&0Q1,1&0!
R)>!
/01,D!
SRJG!
S&)Q!
R1D$),4N!
J&'+*)04+!
T!U!9A::!RVW!
G:X9!
-"HO!
"#$%&'!
()*)$+,+*!
@&0Q1,1&0D!
R10!
J#E14)'!
R)>!
/01,!
-YO=2""?!
2*)103"&.*4+!Y*+)ZQ&C0!
-8"U:-;<2U7$B!
67!
9:G!
3!
-!
<2""!
2*)10!S+)Z)5+!@.**+0,!
-8"U:-;-2"U7:-!
3!
7:!
9::!
[B!
<8""!
8),+!S+)Z)5+!@.**+0,!
-8"U7-;-2"U:-!
3!
9:!
9::!
0B!
8(G!
(&C+*!8)10!
TU9A::RVW!
9\!
96I7!
3!
QY!
<OSG!
<0E.,!O+,.*0!S&DD!
TU9A::RVW!
3!
3]!
37!
QY!
2
G!
2*)10!^__141+04#!
TU9A:::RVW!
AA!
A`!
3!
a!
-8"=b?F!
8),+!b.1+D4+0,!-&',)5+!
-22U7:-;<2bU9::$B!
9I9!
9IA7!
9I\!
-!
-JV!
JN*+DN&'Q!-&',)5+!
-22U7-;!<2UF::[B!
:I]!
9IG!
9I]!
-!
"#$%&'!
()*)$+,+*!
@&0Q1,1&0D!
R10!
J#E14)'!
R)>!
/01,D!
,*A!
O1D+!J1$+!
TU9A::RVW!
3!
cG7!
7:!
0"!
,_A!
T)''!J1$+!
TU9A::RVW!
3!
c97!
7:!
0"!
(2A!
(.'D+!2*&&E!
TU9A::RVW!
3!
:I77!
:I\!
QY!
PULSE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING (IEC 134)
THERMAL/RUGGEDNESS PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com