Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73844-820I/MS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP73844-820I/MS
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844-820I/MS Datasheet(HTML) 2 Page - Microchip Technology

  MCP73844-820I/MS Datasheet HTML 1Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 2Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 3Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 4Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 5Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 6Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 7Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 8Page - Microchip Technology MCP73844-820I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 2
 2004 Microchip Technology Inc.
Functional Block Diagram
Charge
Termination
Comparator
Voltage Control
Amplifier
VREF
IREG/10
Precondition
Control
Charge_ok
Precon
VDD
Charge Current
Control Amplifier
+
–
VREF
VREF
Precondition
Comp.
VBAT
VSS
DRV
90 k
Ω
90 k
Ω
10 k
Ω
10 k
Ω
+
–
Charge
Current
Amplifier
VDD
SENSE
MCP73841 and MCP73842 Only
300 k
Ω
(825 k
Ω)
12 k
Ω
1k
Ω
UVLO
Comparator
VUVLO
Temperature
Comparators
Bias and
Reference
Generator
VUVLO
VREF (1.2V)
Power-On
Delay
VREF
Oscillator
Constant-Voltage/
Recharge Comp.
Charge Control,
Charge Timers,
And
Status Logic
Drv Stat 1
Charge_ok
IREG/10
THERM
EN
TIMER
STAT1
THREF
100 k
Ω
50 k
Ω
50 k
Ω
74.21 k
Ω
0.79 k
Ω
150.02 k
Ω
5.15 k
Ω
(4.29 k
Ω)
+
-
+
-
+
-
+
-
+
-
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com