Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73841-840I/MS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73841-840I/MS
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73841-840I/MS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73841-840I/MS Datasheet HTML 2Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 3Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 4Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 5Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 6Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 7Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 8Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 9Page - Microchip Technology MCP73841-840I/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 6
 2004 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA and TA= +25°C.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-3:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-4:
Supply Current (ISS) vs.
Charge Current (IOUT).
FIGURE 2-5:
Supply Current (ISS) vs.
Supply Voltage (VDD).
FIGURE 2-6:
Supply Current (ISS) vs.
Supply Voltage (VDD).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
10
100
1000
IOUT (mA)
+55°C
+25°C
-5°C
MCP73841-4.2V
VDD = 5.2 V
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
+55°C
+25°C
-5°C
MCP73841-4.2V
IOUT = 1000 mA
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
MCP73841-4.2V
IOUT = 10 mA
+55°C
+25°C
-5°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
10
100
1000
IOUT (mA)
+25°C
+85°C
-45°C
MCP73841-4.2V
VDD = 5.2 V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
+25°C
+85°C
-45°C
MCP73841-4.2V
IOUT = 1000 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
MCP73841-4.2V
IOUT = 10 mA
-45°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com