Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C01-RMN3T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C01-RMN3T
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-RMN3T Datasheet(HTML) 1 Page - STMicroelectronics

  M24C01-RMN3T Datasheet HTML 1Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 2Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 3Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 4Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 5Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 6Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 7Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 8Page - STMicroelectronics M24C01-RMN3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
March 2004
M24C16, M24C08
M24C04, M24C02, M24C01
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I²C Bus EEPROM
FEATURES SUMMARY
■
Two Wire I2C Serial Interface
Supports 400kHz Protocol
■
Single Supply Voltage:
–
4.5 to 5.5V for M24Cxx
–
2.5 to 5.5V for M24Cxx-W
–
1.8 to 5.5V for M24Cxx-R
■
Write Control Input
■
BYTE and PAGE WRITE (up to 16 Bytes)
■
RANDOM and SEQUENTIAL READ Modes
■
Self-Timed Programming Cycle
■
Automatic Address Incrementing
■
Enhanced ESD/Latch-Up Behavior
■
More than 1 Million Erase/Write Cycles
■
More than 40 Year Data Retention
Figure 1. Packages
PDIP8 (BN)
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width
TSSOP8 (DS)
3x3mm² body size (MSOP)
8
1
UFDFPN8 (MB)
2x3mm² (MLP)


Similar Part No. - M24C01-RMN3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C01-RMN3TP/S STMICROELECTRONICS-M24C01-RMN3TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
More results

Similar Description - M24C01-RMN3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
19-Apr-2004
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
07-Oct-2004
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com