Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUV140-32G-RBE Datasheet(PDF) 2 Page - A-Data Technology

Part # AUV140-32G-RBE
Description  Small and thin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AUV140-32G-RBE Datasheet(HTML) 2 Page - A-Data Technology

  AUV140-32G-RBE Datasheet HTML 1Page - A-Data Technology AUV140-32G-RBE Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Specifications
 Capless & Bookmark Clip design
 Interface: Super Speed USB 3.0
 Small and thin
 Color: Blue / Red
 SuperSpeed USB 3.0 Interface
 Capacity: 16GB /32GB/64GB
 Strap hole for easy portable
 Dimensions(L x H x W): 43 x 16 x 8mm
 Weight: 4g
 Warranty: Lifetime
High-speed interface
The UV140 uses the USB 3.0 high-spee
USB 3.0 High-speed interface
The UV140 uses the USB 3.0 high-speed bus
specification for greatly enhanced transfer speeds and
is also fully compatible with USB 2.0.The UV140 is
available in 16GB, 32GB, and 64GB models to meet all
of your capacity needs.
Ordering Information
Capacity
Color
EAN CODE
Model number
16GB
RED
4712366963122
AUV140-16G-RKD
32GB
RED
4712366963139
AUV140-32G-RKD
64GB
RED
4712366963146
AUV140-64G-RKD
16GB
BLUE
4712366963153
AUV140-16G-RBE
32GB
BLUE
4712366963160
AUV140-32G-RBE
64GB
BLUE
4712366963177
AUV140-64G-RBE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com