Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12S-R-2R5-127 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS12S-R-2R5-127
Description  ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS12S-R-2R5-127 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS12S-R-2R5-127 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITOR – GOLD CAPACITOR
Suntan®
TS12S-R
F E A T U R E S
Radial & Snap-in type
large capacity, VENT case.
SPECIFICA
T
IONS
Operating temperature
-40 to +70℃
Rated voltage
2.5VDC
Surge voltage
3.0VDC
Capacitance tolerance
-20% to +80%
Temperature Characteristics
+70℃│ΔC/C│≤30%, ESR≤100% of specified value at 25℃
-40℃
│ΔC/C│≤50%, ESR≤400% time of specified value at 25℃
High Temperature load
After 1000 hours, +70℃±2, nominal voltage, │ΔC/C│≤30% of the initial measured value,
ESR≤400% of the initial specified value
High Temperature without load
After 1000 hours, +70℃±2, nominal voltage, │ΔC/C│≤30% of the initial measured value,
ESR≤200% of the initial specified value
Humidity Resistance
After +40℃±2,90~95%RH,240 hour│ΔC/C│≤30% of the initial measured value,
IL≤200% of the initial specified value,ESR≤4 time of the initial specified value
Part Number
Rated
Capacitance
Operating
Voltage
ESR 1KHz
(MΩ)
Size
(ØD±1mm
x L±2.0mm)
P ±1.0(mm)
Ø
d (mm)
TS12S-R-2R5-704
0.7F
2.5V
600
Ø
8x13
3.5
0.6
TS12S-R-2R5-105
1.0F
2.5V
300
Ø
8x13
3.5
0.6
TS12S-R-2R5-205
2.0F
2.5V
120
Ø10x20
5.0
0.6
TS12S-R-2R5-305
3.0F
2.5V
90
Ø8
x20
3.5
0.6
TS12S-R-2R5-335
3.3F
2.5V
80
Ø
10x20
5.0
0.6
TS12S-R-2R5-475
4.7F
2.5V
60
Ø
13x21
5.0
0.6
TS12S-R-2R5-805
8.0F
2.5V
50
Ø
13x21
5.0
0.6
TS12S-R-2R5-106
10F
2.5V
35
Ø
13x34
5.0
0.8
TS12S-R-2R5-206
20F
2.5V
25
Ø
16x34
7.5
0.8
TS12S-R-2R5 306
30F
2.5V
20
Ø
16x34
7.5
0.8
TS12S-R-2R5-506
50F
2.5V
20
Ø
18x34
7.5
0.8
TS12S-R-2R5-906
90F
2.5V
10
Ø
22x54
10
1.0
TS12S-R-2R5-127
120F
2.5V
10
Ø
25x54
10
1.0
90F & 120F is Snap-in type, other is Radial type.
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS12S-R-2R5-127

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results

Similar Description - TS12S-R-2R5-127

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S Datasheet
566Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12_17 Datasheet
177Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com