Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C04-BN6T Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24C04-BN6T
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-BN6T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24C04-BN6T Datasheet HTML 12Page - STMicroelectronics M24C04-BN6T Datasheet HTML 13Page - STMicroelectronics M24C04-BN6T Datasheet HTML 14Page - STMicroelectronics M24C04-BN6T Datasheet HTML 15Page - STMicroelectronics M24C04-BN6T Datasheet HTML 16Page - STMicroelectronics M24C04-BN6T Datasheet HTML 17Page - STMicroelectronics M24C04-BN6T Datasheet HTML 18Page - STMicroelectronics M24C04-BN6T Datasheet HTML 19Page - STMicroelectronics M24C04-BN6T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
16/29
Table 11. DC Characteristics (M24Cxx, Device Grade 3)
Note: 1. This range is Not for New Design, and will soon be replaced by the M24Cxx-Wxx3 range.
Table 12. DC Characteristics (M24Cxx-W, Device Grade 6)
Symbol
Parameter
Test Condition
(in addition to those in Table 5.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz (rise/fall time < 30ns)
3mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 5 V
5µA
VIL
Input Low Voltage
(E2, E1, E0, SCL, SDA)
–0.45
0.3VCC
V
Input Low Voltage (WC)
–0.45
0.5
V
VIH
Input High Voltage
(E2, E1, E0, SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 3 mA, VCC = 5 V
0.4
V
Symbol
Parameter
Test Condition
(in addition to those in Table 6.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 2.5 V
0.5
µA
VIL
Input Low Voltage
(E2, E1, E0, SCL, SDA)
–0.45
0.3VCC
V
Input Low Voltage (WC)
–0.45
0.5
V
VIH
Input High Voltage
(E2, E1, E0, SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com