Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3V3S2UT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD3V3S2UT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3S2UT Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD3V3S2UT Datasheet HTML 1Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 2Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 3Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 4Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 5Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 6Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 7Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 8Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2004 Apr 15
4
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT23 package
PESDxS2UT series
ESD maximum ratings
Notes
1. Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Fig.3.
2. Measured across either pins 1 and 3 or pins 2 and 3.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
ESD
electrostatic discharge
capability
IEC 61000-4-2 (contact discharge);
notes 1 and 2
PESD3V3S2UT
30
kV
PESD5V2S2UT
30
kV
PESD12VS2UT
30
kV
PESD15VS2UT
30
kV
PESD24VS2UT
23
kV
HBM MIL-Std 883
PESDxS2UT series
10
kV
ESD standards compliance
ESD STANDARD
CONDITIONS
IEC 61000-4-2; level 4 (ESD); see Fig.3
>15 kV (air); > 8 kV (contact)
HBM MIL-Std 883; class 3
>4 kV
handbook, halfpage
010
e−t
20
t (
µs)
Ipp
(%)
40
120
0
40
80
30
MLE218
100 % Ipp; 8 µs
50 % Ipp; 20 µs
Fig.2
8/20
µs pulse waveform according to
IEC 61000-4-5.
001aaa191
Ipp
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 to 1 ns
Fig.3
ElectroStatic Discharge (ESD) pulse
waveform according to IEC 61000-4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com