Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWM-04GF-SS-SC-D Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # SWM-04GF-SS-SC-D
Description  modular managed Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

SWM-04GF-SS-SC-D Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  SWM-04GF-SS-SC-D Datasheet HTML 1Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 2Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 3Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 4Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 5Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
www.oring-networking.com
1-122
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2016
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
MAC-based authentication
MAC address limit
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Web and CLI authentication and authorization
IP source guard
Software Features
IEEE 1588v2 clock synchronization
IEEE 802.1D Bridge, auto MAC address learning/aging and MAC address (static)
Multiple Registration Protocol (MRP)
MSTP (RSTP/STP compatible)
Redundant Ring (O-Ring) with recovery time less than 20ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP v2/v3 Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client
DHCP Relay
Modbus TCP
SMTP Client
NTP server
Network Redundancy
O-Ring
O-Chain
MRP*NOTE
Fast Recovery
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1 (support DBU-01 backup unit)
LED Indicators
System Ready Indicator (PWR)
Green: Indicates that the system ready. The LED is blinking when the system is upgrading firmware.
Power Indicator (PWR1 / PWR2)
Green: Power LED x 2
Ring Master Indicator (R.M.)
Green: Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green: Indicates that the system operating in O-Ring mode
Green Blinking: Indicates that the Ring is broken.
Fault Indicator (Fault)
Amber: Indicate unexpected event occurred
10/100/1000Base-T(X) RJ45 Port Indicator
Green for Link/Act indicator.
Dual color LED for speed indicator : Green for 1000Mbps, Amber for 100Mbps, Off-light for 10Mbps
100/1000Base-X SFP Port Indicator
Green for Link/Act indicator
Fault Contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant power input modular
Dual 12~48VDC power inputs at terminal block
Power consumption (Typ.)
40 Watts
Overload current protection
Present
Physical Characteristic
Enclosure
IP-30
Weight (g)
3,365g
Dimension (W x D x H)
184 (W) x 155 (D) x 150 (H) mm (7.24x6.1x5.9 inch)
Environmental
Storage Temperature
-40 to 85
oC (-40 to 185oF)
Operating Temperature
-40 to 75
oC (-40 to 167oF)
Operating Humidity
5% to 95% Non-condensing
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com