Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RGPS-9084GP-P Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGPS-9084GP-P
Description  Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-9084GP-P Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGPS-9084GP-P Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
www.oring-networking.com
1-318
PoE indicator
Blue : PoE LED x 8
10/100/1000Base-T(X) RJ45 port indicator
Green for port Link/Act.
Dual color LED for speed indicator ~ Green (1000Mbps) / Amber (100Mbps) / Off-light (10Mbps)
100/1000Base-X SFP port indicator
Green for port Link/Act.
Power
Power Input
AC 100~240V/AC, 50~60Hz
Power Consumption (Type.)
260Watts (PoE output included)
Overload current protection
Present
Physical Characteristics
Enclosure
19 inches rack mountable
Dimension (W x D x H)
443.7(W)x230(D)x44(H) mm (17.47 x 9.1 x 1.73inch)
Weight (g)
3730 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 75oC (-40 to 167oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD),
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Warranty
5 years
Industrial Ethernet Switch Rack-Mount Managed Gigabit PoE Ethernet Switch
v1.0a / Sep, 2015
Available
Model
Model Name
Description
RGPS-9084GP-P_US
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. and
4x100/1000Base-X, SFP socket, power supply included, US power cord
RGPS-9084GP-P_EU
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. and
4x100/1000Base-X, SFP socket, power supply included, EU power cord
RGPS-9084GP-P_UK
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. and
4x100/1000Base-X, SFP socket, power supply included, UK power cord
RGPS-9084GP-P_JP
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. and
4x100/1000Base-X, SFP socket, power supply included, JP power cord
Packing List
‧
RGPS-9084GP-P x 1
‧
Ring Tool CD x 1
‧
Quick Installation Guide x 1
‧
Rack-mount Kit x 1
‧
Power Cable x 1
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
‧
SFP100M series : 100Mbps SFP optical transceiver
‧
SFP 1G series : 1Gbps SFP optical transceiver
‧
DBU-01 : backup unit device
Ordering Information
RGPS-9 AA B CC - P
Code Definition
10/100/1000Base-T(X) P.S.E. Port Number
Additional Port Number
Additional Port Type
Option
- 08: 8 ports
- 4: 4 ports
- GP: 100/1000Base-X SFP ports



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com