Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB1046AI-DCIRNQR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1046AI-DCIRNQR
Description  USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046AI-DCIRNQR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB1046AI-DCIRNQR Datasheet HTML 24Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 25Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 26Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 27Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 28Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 29Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 30Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 31Page - Texas Instruments TUSB1046AI-DCIRNQR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
TUSB1046A-DCI
SLLSF13 – JUNE 2017
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 18. USB3.1 Control/Status Registers (0x22) (continued)
Bit
Field
Type
Reset
Description
3:2
DFP_RXDET_INTERVAL
R/W
00
This field controls the Rx.Detect interval for the Downstream
facing port (TX1P/N and TX2P/N).
00 – 8 ms
01 – 12 ms (default)
10 – 48 ms
11 – 96 ms
1:0
USB3_COMPLIANCE_CTRL
R/W
00
00 – FSM determined compliance mode. (Default)
01 – Compliance Mode enabled in DFP direction (SSTX ->
TX1/TX2)
10 – Compliance Mode enabled in UFP direction (RX1/RX2 ->
SSRX)
11 – Compliance Mode Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com