Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG84-7011-75-S024-R Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG84-7011-75-S024-R
Description  micro plug-in/pcb automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG84-7011-75-S024-R Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG84-7011-75-S024-R Datasheet HTML 1Page - Willow Technologies Ltd DG84-7011-75-S024-R Datasheet HTML 2Page - Willow Technologies Ltd DG84-7011-75-S024-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
4
-
7
0
-
-
-
Series
A
-
30/20A
B
-
40/30A
See coil table 1
Contact material
70
-
AgSnOInO
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
6
-
Flat Blades
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86) (1N4007)
DR -
Diode reversed (-85 / + 86) (1N4007)
DG84 series
micro plug-in/pcb automotive relay
Ref: DG84 110112JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must Operate
Voltage Max.
(VDC)
Must Release
voltage min. (VDC)
Parallel Resistor
(optional)
(Ω)
1012
12
98
7.2
1.2
680
1024
24
385
14.4
2.4
2700
S012
12
124
7.2
1.2
680
S024
24
441
14.4
2.4
2700
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com