Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120R1Q7 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST92F120R1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120R1Q7 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST92F120R1Q7 Datasheet HTML 42Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 43Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 44Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 45Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 46Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 47Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 48Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 49Page - STMicroelectronics ST92F120R1Q7 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 324 page
background image
46/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
REGISTER DESCRIPTION (Cont’d)
Bit 5 = SWER.
Swap or 1 over 0 Error (Read On-
ly).
This bit has two different meanings, depending on
whether the current write operation is to Flash or
EEPROM memory.
In Flash memory, this bit is automatically set when
trying to program at 1 bits previously set at 0 (this
does not happen when programming the Protec-
tion bits). This error is not due to a failure of the
Flash cell, but only flags that the desired data has
not been written.
In the EEPROM memory, this bit is automatically
set when a Program error occurs during the swap-
ping of the unselected pages to the new sector
when the old sector is full (see Section 3.5.1 Hard-
ware EEPROM Emulation for more details).
This error is due to a real failure of a Flash cell,
that can not be programmed anymore. When this
error is detected, the embedded algorithm auto-
matically exits the Page Update operation at the
end of the Swap phase, without performing the
Erase Phase 0 on the full sector. In this way the
old data are kept, and through predefined routines
in TestFlash (Find Wrong Pages = 230029h and
Find Wrong Bytes = 23002Ch), the user can com-
pare the old and the new data to find where the er-
ror occurred.
Once the error has been discovered the user must
take to end the stopped Erase Phase 0 on the old
sector (through another predefined routine in Test-
Flash: Complete Swap = 23002Fh). The byte
where the error occurred must be reprogrammed
to FFh and then discarded, to avoid the error oc-
curring again when that byte is internally moved.
This bit is automatically cleared when bit FEERR
of the FESR0 register is cleared by software.
Bits 4:0 = Reserved.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com