Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BLJ2T1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72324BLJ2T1
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BLJ2T1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72324BLJ2T1 Datasheet HTML 18Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 19Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 20Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 21Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 22Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 23Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 24Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 25Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
ST72F324L, ST72324BL
22/151
6 SUPPLY, RESET AND CLOCK MANAGEMENT
The device includes a range of utility features for
securing the application in critical situations (for
example in case of a power brown-out), and re-
ducing the number of external components. An
overview is shown in Figure 10.
For more details, refer to dedicated parametric
section.
Main features
■ Optional PLL for multiplying the frequency by 2
(not to be used with internal RC oscillator)
■ Reset Sequence Manager (RSM)
■ Multi-Oscillator Clock Management (MO)
– 5 Crystal/Ceramic resonator oscillators
– 1 Internal RC oscillator
6.1 PHASE LOCKED LOOP
If the clock frequency input to the PLL is in the
range 2 to 4 MHz, the PLL can be used to multiply
the frequency by two to obtain an fOSC2 of 4 to 8
MHz. The PLL is enabled by option byte. If the PLL
is disabled, then fOSC2 = fOSC/2.
Caution: The PLL is not recommended for appli-
cations where timing accuracy is required. See
Section 6.1 on page 22.
Caution: The PLL must not be used with the inter-
nal RC oscillator.
Figure 10. Clock, Reset and Supply Block Diagram
MULTI-
OSCILLATOR
(MO)
OSC1
RESET
RESET SEQUENCE
MANAGER
(RSM)
OSC2
MAIN CLOCK
CONTROLLER
WATCHDOG
TIMER (WDG)
WITH REALTIME
CLOCK (MCC/RTC)
fOSC
fCPU
0
1
PLL OPTION BIT
PLL x 2
fOSC2
/ 2
PLL Block
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com