Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120R9Q7 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST92F120R9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120R9Q7 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST92F120R9Q7 Datasheet HTML 48Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 49Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 50Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 51Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 52Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 53Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 54Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 55Page - STMicroelectronics ST92F120R9Q7 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 324 page
background image
52/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
(231FFDh). The second write access, with Pro-
gram Data matching with NVPWD[1:0] content, re-
sets the PWOK bit of NVWPR.
These two registers can be accessed only in write
mode (a read access returns FFh).
3.6.2 Temporary Unprotection
On user request the memory can be configured so
as to allow the temporary unprotection also of all
access protections bits of NVAPR (write protection
bits of NVWPR are always temporarily unprotecta-
ble).
Bit APEX can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from an internal memory (Flash and Test Flash ex-
cluded).
Bit APEE can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from the memory itself to unprotect (EEPROM).
Bits APRO and APBR can be temporarily disabled
through a direct write at NVAPR location, by over-
writing at 1 these bits, but only if this write instruc-
tion is executed from the memory itself to unpro-
tect.
To restore the access protection bits it needs to re-
set the micro or to execute a Set Protection opera-
tion and write 0 into the desired bits.
When an internal memory (Flash, TestFlash or
EEPROM) is protected in access, also the data ac-
cess through a DMA of a peripheral is forbidden (it
returns FFh). To read data in DMA mode from a
protected memory, first it is necessary to tempo-
rarily unprotect that memory.
The temporary unprotection allows also to update
a protected code.
3.7 FLASH IN-SYSTEM PROGRAMMING
The Flash memory can be programmed in-system
through a serial interface (SCI0).
Exiting from reset, the ST9 executes the initializa-
tion from the TestFlash code (written in Test-
Flash), where it checks the value of the SOUT0
pin. If it is at 0, this means that the user wishes to
update the Flash code, otherwise normal execu-
tion continues. In this second case, the TestFlash
code reads the reset vector.
If the Flash is virgin (read content is always FFh),
its reset vector contains FFFFh. This is interpreted
by the TestFlash code as a flag indicating that the
Flash memory is virgin and needs to be pro-
grammed. If the value 1 is detected on the SOUT0
pin and the Flash is virgin, a HALT instruction is
executed, waiting for a hardware Reset.
3.7.1 Code Update Routine
The TestFlash Code Update routine is called auto-
matically if the SOUT0 pin is held low during pow-
er-on.
The Code Update routine performs the following
operations:
s
Enables the SCI0 peripheral in synchronous
mode
s
Transmits a synchronization datum (25h);
s
Waits for an address match (23h) with a timeout
of 10ms (@ fOSC 4 MHz)
s
If the match is not received before the timeout,
the execution returns to the Power-On routine
s
If the match is received, the SCI0 transmits a
new datum (21h) to tell the external device that
it is ready to receive the data to be loaded in
RAM (that represents the code of the in-system
programming routine).
s
Receives two data representing the number of
bytes to be loaded (max. 4 Kbytes)
s
Receive the specified number of bytes (each
one preceded by the transmission of a Ready to
Receive character: (21h) and writes them in
internal RAM starting from address 200010h.
The first 4 words should be the interrupt vectors
of the 4 possible SCI interrupts, to be used by
the in-system programming routine.
s
Transmit a last datum (21h) as a request for end
of communications.
s
Receives
the
end
of
communication
confirmation datum (any byte other than 25h).
s
Resets all the unused RAM locations to FFh;
s
Calls address 200018h in internal RAM.
s
After completion of the in-system programming
routine, an HALT instruction is executed and an
Hardware Reset is needed.
The Code Update routine initializes the SCI0 pe-
ripheral as shown in the following table:
Table 12. SCI0 Registers (page 24) initialization
Register
Value
Notes
IVR - R244
10h
Vector Table in 0010h
ACR - R245
23h
Address Match is 23h
IDPR - R249
00h
SCI interrupt priority is 0
CHCR - R250
83h
8 Data Bits
CCR - R251
E8h
rec. clock: ext RXCLK0
trx clock: int CLKOUT0
BRGHR - R252
00h
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com