Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120JR9Q7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST92F120JR9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST92F120JR9Q7 Datasheet HTML 4Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 5Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 6Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 7Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 8Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 9Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 10Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 11Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 324 page
background image
8/324
ST92F120 - GENERAL DESCRIPTION
voltage drop across the SCR parasitic resistor, the
SCR may be turned on; to turn off the SCR it is
necessary to remove the power supply from the
device.
The present ST9 design implements layout and
process solutions to decrease the effects of elec-
trostatic discharges (ESD) and latchup. Of course
it is not possible to test all devices, due to the de-
structive nature of the mechanism; in order to
guarantee product reliability, destructive tests are
carried out on groups of devices, according to
STMicroelectronics internal Quality Assurance
standards and recommendations.
1.2.4.2 Protective Interface
Although ST9 input/output circuitry has been de-
signed taking ESD and Latchup problems into ac-
count, for those applications and systems where
ST9 pins are exposed to illegal voltages and high
current injections, the user is strongly recommend-
ed to implement hardware solutions which reduce
the risk of damage to the microcontroller: low-pass
filters and clamp diodes are usually sufficient in
preventing stress conditions.
The risk of having out-of-range voltages and cur-
rents is greater for those signals coming from out-
side the system, where noise effect or uncon-
trolled spikes could occur with higher probability
than for the internal signals; it must be underlined
that in some cases, adoption of filters or other ded-
icated interface circuitries might affect global mi-
crocontroller performance, inducing undesired tim-
ing delays, and impacting the global system
speed.
Figure 3. Digital Input/Output - Push-Pull
PIN
OUTPUT
BUFFER
P
N
P
N
N
INPUT
BUFFER
P
ESD PROTECTION
CIRCUITRY
PORT CIRCUITRY
I/O CIRCUITRY
P
EN
EN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com